Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

33996 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33996
Description  16-Output Switch with SPI Control
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33996 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33996 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33996 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33996
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
DIGITAL INTERFACE (RST, SI, CS, SCLK, SO, PWM)
Input Logic Voltage Thresholds (13)
VINLOGIC
0.8
2.2
V
Input Logic Voltage Thresholds for RST
VINRST
0.8
2.2
V
SI Pull-down Current
SI = 5.0 V
ISI
2.0
10
30
µA
CS
Pull-up Current
CS
= 0 V
ICS
-30
-10
-2.0
µA
SCLK Pull-down Current
SCLK = 5.0 V
ISCLK
2.0
10
30
µA
RST
Pull-down Current
RST
= 5.0 V
IRST
5.0
25
50
µA
PWM Pull-down Current
IPWM
2.0
10
30
µA
SO High State Output Voltage
ISO-high = -1.6 mA
VSOH
SOPWR - 0.4
SOPWR - 0.2
V
SO Low State Output Voltage
ISO-low = 1.6 mA
VSOL
0.4
V
Input Capacitance on SCLK, SI, Tri-State SO, RST (14)
CIN
20
pF
Notes
13.
Upper and lower logic threshold voltage levels apply to SI, CS, SCLK, and PWM.
14.
This parameter is guaranteed by design; however, it is not production tested.
Table 3. STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 3.1 V SOPWR 5.5 V, 5.0 V VPWR 18 V, -40°C TA 125°C unless otherwise
noted. Where applicable, typical values noted reflect the parameter ‘s approximate value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - 33996

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
339960 GENERAL-339960 Datasheet
22Kb / 1P
   INSTRUMENTATION CABLE
More results

Similar Description - 33996

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33996 FREESCALE-MC33996 Datasheet
1Mb / 24P
   16 Output Switch with SPI Control
logo
Motorola, Inc
MC33996 MOTOROLA-MC33996 Datasheet
635Kb / 16P
   16-Output Switch with SPI Control
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
logo
Freescale Semiconductor...
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
   16-Output Switch with SPI and PWM Control
MCZ33999EK FREESCALE-MCZ33999EK Datasheet
708Kb / 21P
   16-Output Switch with SPI and PWM Control
33882 FREESCALE-33882 Datasheet
688Kb / 27P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Infineon Technologies A...
TLE8110ED INFINEON-TLE8110ED Datasheet
2Mb / 74P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0 2018-03-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com