Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

33981B Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33981B
Description  Single High-Side Switch (4.0 m??, PWM clock up to 60kHz
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981B Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33981B Datasheet HTML 3Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 4Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 5Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 6Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 7Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 8Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 9Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 10Page - Freescale Semiconductor, Inc 33981B Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33981
DYNAMIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 6.0 V
≤ V
PWR ≤ 27 V, -40°C ≤ TA ≤ 125°C unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
CONTROL INTERFACE AND POWER OUTPUT TIMING (CBOOT, VPWR)
Charge Blanking Time (CBOOT) (10)
tON
10
25
50
µs
Output Rising Slew Rate
VPWR = 13 V, from 10% to 90% of VOUT, SR Capacitor = 4.7 nF,
RL= 5.0 Ω
SRR
8.0
16
35
V/
µs
Output Falling Slew Rate
VPWR = 13 V, from 90% to 10% of VOUT, SR Capacitor = 4.7 nF,
RL= 5.0 Ω
SRF
8.0
16
35
V/
µs
Output Turn-ON Delay Time (11)
VPWR = 13 V, SR Capacitor = 4.7 nF
tDLYON
200
400
700
ns
Output Turn-OFF Delay Time (12)
VPWR = 13 V, SR Capacitor = 4.7 nF
tDLYOFF
500
1000
1500
ns
Input Switching Frequency (9)
fPWM
20
60
kHz
Output PWM ratio @ 60kHz (13)
RPWM
5.0
95
%
Time to Reset Fault Diagnosis
(over load on high side or external low side)
tRSTDIAG
100
200
400
µs
Output Over Current Detection Time
tOCH
1.0
10
20
µs
Notes
9.
The MC33981 can work down (~100Hz). The fault management reset can not be guaranteed with PWM frequency lower than 5kHz
(INHS=0 during 200us typ)
10.
Values for CBOOT=100nF. Refer to the paragraph entitled Sleep Mode on page 13. Parameter is guaranteed by design and not
production tested.
11.
Turn-ON delay time measured from rising edge of INHS that turns the output ON to VOUT = 0.5 V with RL= 5.0 Ω resistive load.
12.
Turn-OFF delay time measured from falling edge of INHS that turns the output OFF to VOUT = VPWR -0.5 V with RL= 5.0 Ω resistive load.
13.
The ratio is measured at Vout = 50% VPWR without SR capacitor. The device is capable of 100% duty cycle.


Similar Part No. - 33981B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33981 MOTOROLA-33981 Datasheet
469Kb / 24P
   High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
logo
Freescale Semiconductor...
33981 FREESCALE-33981 Datasheet
4Mb / 37P
   Single High Side Switch
logo
NXP Semiconductors
33981 NXP-33981 Datasheet
3Mb / 51P
   Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
logo
Freescale Semiconductor...
33981 FREESCALE-33981_09 Datasheet
4Mb / 37P
   Single High Side Switch
More results

Similar Description - 33981B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33981 FREESCALE-MC33981 Datasheet
1Mb / 37P
   Single High Side Switch (4.0 m廓), PWM clock up to 60 kHz
logo
NXP Semiconductors
MC33981 NXP-MC33981 Datasheet
3Mb / 51P
   Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
logo
Motorola, Inc
MC33981 MOTOROLA-MC33981 Datasheet
469Kb / 24P
   High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
MC33984 MOTOROLA-MC33984 Datasheet
492Kb / 28P
   Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
Freescale Semiconductor...
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
logo
Infineon Technologies A...
AUIPS7221R INFINEON-AUIPS7221R Datasheet
560Kb / 14P
   PWM INTELLIGENT POWER HIGH SIDE SWITCH
February, 21st 2012 revision D
logo
International Rectifier
AUIPS7221R IRF-AUIPS7221R Datasheet
278Kb / 13P
   PWM INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7221R IRF-AUIPS7221R_15 Datasheet
560Kb / 14P
   PWM INTELLIGENT POWER HIGH SIDE SWITCH
logo
Freescale Semiconductor...
33981 FREESCALE-33981_09 Datasheet
4Mb / 37P
   Single High Side Switch
logo
New Japan Radio
NJW4830 NJRC-NJW4830 Datasheet
323Kb / 11P
   Single High Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com