Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANF72763 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # LANF72763
Description  ETHERNET 10BASE-T PCMCIA TRANSFORMER MODULES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LANF72763 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  LANF72763 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LANF72761
-1.0 (1-10MHz)
-7 (20MHz) -5 (20MHz) 100 Ohm 98 13 Ohm -30 (10-50MHz)
-30 (10-50MHz)
1:1 / 1:1
-18 (25MHz) -11 (25MHz)
-18
-15
-28 (50-100MHz)
-25 (50-100MHz)
-30 (30MHz) -16 (30MHz)
-33 (40MHz) -26 (40MHz)
LANF72763
LANF72764
LANF72765
LANF72766
Model
Insertion Loss
Attenuation
Return Loss
Com. To Com. Mode Rejection
Turns Ratio
(dB Max)
TX (dB Min) RX
5-10MHz (dB Min)
TX (dB Min) RX
TX/RX( 5%)
ELECTRICAL CHARACTERISTICS @25 C
o
Hi-Pot Test @60Sec, 1500Vrms
10BASE-T PCMCIA TRANSFORMER
MODULES
B-1
Number
Model
R1
R2
RESISTOR VALUES
R3
R4
R5
R6
R7
LANF72761
LANF72763
LANF72764
LANF72765
LANF72766
49.9 Ohm
49.9 Ohm
49.9 Ohm
49.9 Ohm
49.9 Ohm
49.9 Ohm
49.9 Ohm
49.9 Ohm
49.9 Ohm
49.9 Ohm
316 Ohm
53.6 Ohm
68.7 Ohm
316 Ohm
274 Ohm
68.1 Ohm
316 Ohm
53.6 Ohm
53.6 Ohm
287 Ohm
316 Ohm
53.6 Ohm
274 Ohm
68.7 Ohm
53.6 Ohm
53.6 Ohm
316 Ohm
287 Ohm
316 Ohm
68.1 Ohm
1.2K Ohm
N/A
N/A
N/A
806 Ohm
LANF72761
PCMCIA TRANSFORMER MODULES
ETHERNET 10BASE-T
MECHANICAL CONSTRUCTION
SCHEMATICS
252, SAN YING ROAD, KUEI SAN INDUSTRIAL ZONE, TAOYUAN SHIEN, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
Http://www.deltaww.com/products/networking
A = 20.30 0.254 / 0.799 0.010
B = 13.50 0.254 / 0.531 0.010
D = 17.00 0.254 / 0.670 0.010
F = 0.46 0.127 / 0.018 0.005
G = 0.10 / 0.004 MIN
UNIT : mm / inch
E = 2.54 / 0.100 (TYP)
C = 2.45 / 0.096 MAX
I = 1.13 / 0.044 REF.
H = 0.254 / 0.010 (TYP)
K = 15.24 / 0.600 (TYP)
DATE CODE
A
LANF7276*
K
E
F
B
D
I
J
0.76
2.54
15.24
17.91
13.03
J=0 ~8
o
o
6
7
R6
4
5
2
3
1
R5
R4
R3
R7
R2
R1
FILTER
LOW PASS
FILTER
LOW PASS
8
12
9
10
13
14
Networking Components


Similar Part No. - LANF72763

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LANF72351D ETC1-LANF72351D Datasheet
51Kb / 1P
   ETHERNET 10BASE-T LAN FILTER MODULES
LANF7236G ETC-LANF7236G Datasheet
70Kb / 1P
   ETHERNET 10BASE-T LAN FILTER MODULES
LANF7236X ETC-LANF7236X Datasheet
70Kb / 1P
   ETHERNET 10BASE-T LAN FILTER MODULES
More results

Similar Description - LANF72763

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
D6B11-101G RHOMBUS-IND-D6B11-101G Datasheet
37Kb / 1P
   10BASE-T/ETHERNET 10BASE-T/ETHERNET TRANSFORMER
logo
List of Unclassifed Man...
LF8509 ETC-LF8509 Datasheet
52Kb / 1P
   FAST ETHERNET 10BASE-T/100BASE-TX TRANSFORMER MODULES
logo
Datatronic Distribution...
PT21311 DATATRONICS-PT21311 Datasheet
58Kb / 1P
   10BASE-T Isolation Modules in PCMCIA package
logo
Bothhand USA, LP.
TS8025LF BOTHHAND-TS8025LF Datasheet
78Kb / 1P
   10BASE-T SMD ETHERNET TRANSFORMER
logo
Rhombus Industries Inc.
T-10806G RHOMBUS-IND-T-10806G Datasheet
38Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10808G RHOMBUS-IND-T-10808G Datasheet
39Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-14001 RHOMBUS-IND-T-14001 Datasheet
34Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10801 RHOMBUS-IND-T-10801 Datasheet
35Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10801G RHOMBUS-IND-T-10801G Datasheet
38Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10805G RHOMBUS-IND-T-10805G Datasheet
38Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com