Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B37941X Datasheet(PDF) 13 Page - EPCOS

Part No. B37941X
Description  Multilayer ceramic capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo 

B37941X Datasheet(HTML) 13 Page - EPCOS

 
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Multilayer ceramic capacitor
B37941X
MLSC series
MLSC 0805, 50 V and 100 V
Further information
Please see General Technical Information at www.epcos.com/ceramic_capacitors or the data book
“Multilayer Ceramic Capacitors” for further information on:
Soldering directions
Taping and packing
Surface mounting instructions
Effects of mechanical stress
Cautions
Derating: A “state of the art” application design is essential to achieve failures rates at ppb level.
Do not use designs based on 100% of specified rated values.
AC applications may damage MLSC on a much lower level than DC voltage due to power
dissipation losses.
Mechanical stress - Please note EPCOS “General Technical Information”, “Surface mounting
instructions” and information about the effect of mechanical stress.
ESD - EPCOS recommends the use of varistors.
Further processing - care must be taken using moulding processes.
Combined stresses - the total stress (e.g. DC voltage, AC ripple, pulses and temperature) has to
be taken into account to estimate reliability of MLSC.
KB VS PE
July 2005
Please read Cautions and warnings and
Page 13 of 14
Important notes at the end of this document.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn