Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B37941X Datasheet(PDF) 8 Page - EPCOS

Part # B37941X
Description  Multilayer ceramic capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37941X Datasheet(HTML) 8 Page - EPCOS

Back Button B37941X Datasheet HTML 4Page - EPCOS B37941X Datasheet HTML 5Page - EPCOS B37941X Datasheet HTML 6Page - EPCOS B37941X Datasheet HTML 7Page - EPCOS B37941X Datasheet HTML 8Page - EPCOS B37941X Datasheet HTML 9Page - EPCOS B37941X Datasheet HTML 10Page - EPCOS B37941X Datasheet HTML 11Page - EPCOS B37941X Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Multilayer ceramic capacitor
B37941X
MLSC series
MLSC 0805, 50 V and 100 V
Specification and stress test methods
No. Stress test
Specification and acceptance criteria
Test description in
accordance to AEC-Q200
X7R
1
Pre- and post-stress electrical test
Initial values in accordance to chapter “Electrical
data”
Initial and final measurements 24 ±2 h
after test and / or heat treatment (only
X7R dielectrics) @ room temperature
3
High temperature exposure
∆C/C within ±4.5%
∆C/C within ±7.5% for 25 V
D.F. < 25 · 10
-3
D.F. < 50 · 10
-3 for 25 V
I.R. > 1 · 10
5 MΩ or τ > 1000 s resp. 500 s for 25 V
(whichever is less)
Capacitor fixed on PCB, apply 150 °C
for 1000 ±12 h, measurements 24 ±2 h
after tests @ room temperature
4
Temperature cycling
∆C/C within ±4.5%
∆C/C within ±7.5% for 25 V
D.F. < 25 · 10
-3
D.F. < 50 · 10
-3 for 25 V
I.R. > 1 · 10
5 MΩ or τ > 1000 s resp. 500 s for 25 V
(whichever is less)
Capacitor fixed on PCB, apply 1000
cycles between -55 °C/150 °C, transfer
time < 10 s, dwell time > 15 min,
measurements 24 ±2 h after heat
treatment (150 °C, 1 h) @ room
temperature
5
Destructive physical analysis
No defects or abnormalities
Per EIA-469
6
Moisture resistance
∆C/C within ±10%
∆C/C within ±12.5% for 25 V
D.F. < 25 · 10
-3
D.F. < 75 · 10
-3 for 25 V
I.R. > 1 · 10
3 MΩ or τ > 50 s resp. 25 s for 25 V
(whichever is less)
Apply the cycle given in MIL-STD-202
Method 106 (25 to 65 °C, 80 to 100%
RH) 10 times, measurements 24 ±2 h
after tests @ room temperature
7
Biased humidity
∆C/C within ±10%
∆C/C within ±12.5% for 25 V
D.F. < 25 · 10
-3
D.F. < 75 · 10
-3 for 25 V
I.R. > 1 · 10
3 MΩ or τ > 50 s resp. 25 s for 25 V
(whichever is less)
Apply 85 °C/85% RH and rated voltage
for 1000 ±12 h, surge current < 50 mA,
measurements 24 ±2 h after heat
treatment (150 °C, 1 h) @ room
temperature
KB VS PE
July 2005
Please read Cautions and warnings and
Page 8 of 14
Important notes at the end of this document.


Similar Part No. - B37941X

ManufacturerPart #DatasheetDescription
EPCOS
EPCOS
B37941X1102K060 EPCOS-B37941X1102K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37941X1102K070 EPCOS-B37941X1102K070 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37941X1103K060 EPCOS-B37941X1103K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37941X1103K062 EPCOS-B37941X1103K062 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37941X1103K070 EPCOS-B37941X1103K070 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
More results

Similar Description - B37941X

ManufacturerPart #DatasheetDescription
EPCOS
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
Samsung semiconductor
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
EPCOS
EPCOS
B37941K5 EPCOS-B37941K5 Datasheet
65Kb / 5P
   Multilayer ceramic capacitor
B37941K5105K0 EPCOS-B37941K5105K0 Datasheet
65Kb / 5P
   Multilayer ceramic capacitor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com