Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33889DDWR2 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MC33889DDWR2
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33889DDWR2 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MC33889DDWR2 Datasheet HTML 39Page - Freescale Semiconductor, Inc MC33889DDWR2 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC33889DDWR2 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC33889DDWR2 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC33889DDWR2 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC33889DDWR2 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC33889DDWR2 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC33889DDWR2 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC33889DDWR2 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
43
33889
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Table 13. Control bits
Table 14. CAN register
Some description.
Status bit
Bit value
Description
WDSTOP
0
No watchdog in stop mode
1
Watchdog runs in stop mode
NOSTOP
0
Stop mode is default low power mode
1
Sleep mode is default low power mode
RSTTH
0
Reset threshold 1 selected (typ 4.6V)
1
Reset threshold 2 selected (typ 4.2V)
CANWU
1
Wake-rom CAN
TXFAILURE
1
Tx permanent dominant (CAN)
CAN
D3
D2
D1
D0
$010b
W
FDIS
CEXT
CCTR1
CCTR0
R
CS3
CS2
CS1
CS0
Reset
0
0
0
0
Reset condition
POR, CAN
POR, CAN
POR, CAN
POR, CAN


Similar Part No. - MC33889DDWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33889DDW/R2 FREESCALE-MC33889DDW/R2 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
More results

Similar Description - MC33889DDWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
   System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com