Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33889DDW Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MC33889DDW
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33889DDW Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MC33889DDW Datasheet HTML 33Page - Freescale Semiconductor, Inc MC33889DDW Datasheet HTML 34Page - Freescale Semiconductor, Inc MC33889DDW Datasheet HTML 35Page - Freescale Semiconductor, Inc MC33889DDW Datasheet HTML 36Page - Freescale Semiconductor, Inc MC33889DDW Datasheet HTML 37Page - Freescale Semiconductor, Inc MC33889DDW Datasheet HTML 38Page - Freescale Semiconductor, Inc MC33889DDW Datasheet HTML 39Page - Freescale Semiconductor, Inc MC33889DDW Datasheet HTML 40Page - Freescale Semiconductor, Inc MC33889DDW Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
37
33889
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 16. Simplified State Machine
Sleep
VDD1: OFF
V2: OFF
HS1 OFF or cyclic
CAN (always enable
SPI and L0,L1
Cyclic sense
Forced Wake-up
Low
Not active
No Running
Term Vbat.
Table 7. 33889 Table of Operations
The table below describe the SBC operation modes.
MODE
VOLTAGE
REGULATOR
HS1 SWITCH
WAKE-UP
CAPABILITIES
(IF ENABLED)
RESET PIN
INT
SOFTWARE
WATCHDOG
CAN CELL
State Machine (not valid in debug modes)
Power
Down
Reset
Normal Request
Standby
Stop
Normal
Sleep
Reset
counter
(1 ms) expired
VDD1 low OR W/D: time
out 350 ms & !Nostop
1
SPI: standby &
W/D
trigger
(note1)
3
SPI: Stop &
CS
low
to
high
transition
4
2
W/D: timeout OR VDD1 low
W/D: timeout & Nostop & !BATFAIL
1
W/D: timeout OR VDD1 low
1
2
W
/D
: tim
eo
ut O
R
VD
D1
low
(no
te2
)
1
Wake-up
(VDD1 high temperature OR (VDDd1 low > 100 ms & VSUP >BFew)) & Nostop & !BATFAIL
1
2
3
4 denotes priority
State machine description:
“Nostop” means Nostop bit = 1
“! Nostop” means Nostop bit = 0
“BATFAIL” means Batfail bit = 1
“! BATFAIL” means Batfail bit = 0
“VDD1 over temperature” means VDD1 thermal shutdown occurs
“VDD1 low” means VDD1 below reset threshold
“VDD1 low > 100 ms” means VDD1 below reset threshold for more than
100 ms
“W/D: Trigger” means TIM1 register write operation.
VSUP > BFew means VSUP > Battery Fall Early Warning (6.1 V typical)
“W/D: timeout” means TIM1 register not written before W/D timeout period
expired, or W/D written in incorrect time window if window W/D selected
(except stop mode). In normal request mode timeout is 355 ms p2.2 (350 ms
p3)ms.
“SPI: Sleep” means SPI write command to MCR register, data sleep
“SPI: Stop” means SPI write command to MCR register, data stop
“SPI: Normal” means SPI write command to MCR register, data normal
“SPI: Standby” means SPI write command to MCR register, data standby
Note 1: these 2 SPI commands must be send in this sequence and
consecutively.
Note 2: if W/D activated


Similar Part No. - MC33889DDW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33889DDW/R2 FREESCALE-MC33889DDW/R2 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
More results

Similar Description - MC33889DDW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
   System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com