Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33742EGR2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCZ33742EGR2
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33742EGR2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCZ33742EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCZ33742EGR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33742
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
OUTPUT PIN (VDD) (CONTINUED) (18)
Temperature Threshold Difference
TSD - TPW
20
40
°C
Reset Threshold
Threshold 1, Default Value after Reset, RSTTH Bit Set to Logic [0]
Threshold 2, RSTTH Bit Set to Logic [1]
VRSTTH
4.5
4.0
4.6
4.2
4.7
4.3
V
VDD for Reset Active
VDDR
1.0
VRSTTH
V
Line Regulation (IDD = 10 mA, Capacitance = 47 µF Tantalum at VDD)
9.0 V < VSUP < 18 V
5.5 V < VSUP < 27 V
VDDR
5.0
10
25
25
mV
Load Regulation (Capacitance = 47
µF Tantalum at V1)
1.0 mA < IDD < 200 mA
VLD
25
75
mV
Thermal Stability
VSUP = 13.5 V, IDD = 100 mA (19)
VTHERM-S
30
50
mV
OUTPUT PIN IN STOP MODE (VDD) (18)
VDD Output Voltage
IDD ≤ 2.0 mA
IDD ≤ 10 mA
VDDSTOP
4.75
4.75
5.0
5.0
5.25
5.25
V
IDD Output Current to Wake-Up
IDDS-WU
10
17
25
mA
Reset Threshold (18)
Threshold 1, Default Value after Reset, RSTTH Bit Set to Logic [0]
Threshold 2, RSTTH Bit Set to Logic [1]
VRST-STOP
4.5
4.1
4.6
4.2
4.7
4.3
V
Line Regulation (Capacitance = 47
µF Tantalum at VDD)
5.5 V < VSUP < 27 V, IDD = 2.0 mA
VLR-STOP
5.0
25
mV
Load Regulation (Capacitance = 47
µF Tantalum at V1)
1.0 mA < IDD < 10 mA
VLD-STOP
15
75
mV
Notes
18.
IDD is the total regulator output current. VDD specification with external capacitor. Stability requirement: capacitance > 47 µF, ESR <
1.3
Ω (tantalum capacitor). In Reset, Normal Request, Normal and Standby modes, measures with capacitance = 47 µF
tantalum.Selectable by RSTTH bit in SPI Register Reset Control Register (RCR).
19.
Guaranteed by characterization and design; it is not production tested.
Table 5. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V
≤ V2 ≤ 5.25 V, 5.5 V ≤ VSUP ≤ 18 V, and -40°C ≤ TA ≤ 125°C. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MCZ33742EGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33742EGR2 FREESCALE-MCZ33742EGR2 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
More results

Similar Description - MCZ33742EGR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Freescale Semiconductor...
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com