Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33696 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MC33696
Description  PLL Tuned UHF Transceiver for Data Transfer Applications
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33696 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MC33696 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC33696 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC33696 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC33696 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC33696 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC33696 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC33696 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC33696 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC33696 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
MC33696 Data Sheet, Rev. 9
Electrical Characteristics
Freescale Semiconductor
44
2.41 OOK sensitivity at 868 MHz DME = 1, DSREF = 1,
DR = 4.8 kbps, PER = 0.1
–103
–98
–96
dBm
2.42 OOK sensitivity at 916 MHz DME = 1, DSREF = 1,
DR = 4.8 kbps, PER = 0.1
–103
–98
–96
dBm
2.24 FSK sensitivity at 315 MHz
DME = 1, DSREF = 1,
DR = 4.8 kbps,
DFcarrier = ±64 kHz, PER = 0.1
–106.5
–102
–100
dBm
2.50 FSK sensitivity at 434 MHz
DME = 1, DSREF = 1,
DR = 4.8 kbps,
DFcarrier = ±64 kHz, PER = 0.1
–105.5
–101
–99
dBm
2.51 FSK sensitivity at 868 MHz
DME = 1, DSREF = 1,
DR = 4.8 kbps,
DFcarrier = ±64 kHz, PER = 0.1
–104.5
–100
–98
dBm
2.52 FSK sensitivity at 916 MHz
DME = 1, DSREF = 1,
DR = 4.8 kbps,
DFcarrier = ±64 kHz, PER = 0.1
–105.4
–102
–100
dBm
2.35 Sensitivity improvement in
RAW mode
DME = 0
0.6
dB
2.5
Sensitivity reduction
ILA[1:0] = 00
0
dB
2.6
ILA[1:0] = 01
8
dB
2.7
ILA[1:0] = 10
16
dB
2.8
ILA[1:0] = 11
30
dB
2.9
In-band jammer
desensitization
Sensitivity reduced by 3 dB CW
jammer at Fcarrier ± 50 kHz/OOK
—–4—
dBc
2.60
Sensitivity reduced by 3 dB CW
jammer at Fcarrier ± 50 kHz/FSK
—–6—
dBc
2.11 Out-of-band jammer
desensitization
Sensitivity reduced by 3dB
CW jammer at Fcarrier ±1MHz
—37—
dBc
2.12
Sensitivity reduced by 3dB
CW jammer at Fcarrier ± 2MHz
—40—
dBc
2.13 RFIN parallel resistance
Receive mode
300
Ω
2.14 RFIN parallel resistance
Transmit mode
1300
Ω
2.15 RFIN parallel capacitance
Receive and transmit modes
1.2
pF
2.17 Maximum detectable signal,
OOK
Modulation depth: 99%,
level measured on a NRZ ‘1’
–25
dBm
2.25 Maximum detectable signal,
FSK
ΔF
carrier = ±64kHz
-10
dBm
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematic (see Figure 47), unless otherwise specified. Typical values reflect average measurement at VCC = 3.0 V, TA =25°C.
Parameter
Test Conditions,
Comments
Limits
Unit
Min
Typ
Max
(FCE,
FJE)
Max
(FCAE,
FJAE)


Similar Part No. - MC33696

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33696 FREESCALE-MC33696 Datasheet
1,008Kb / 80P
   PLL Tuned UHF Transceiver for Data Transfer Applications
logo
NXP Semiconductors
MC33696 NXP-MC33696 Datasheet
1Mb / 80P
   PLL Tuned UHF Transceiver for Data Transfer Applications
Rev. 12, 02/2010
MC33696FCAE NXP-MC33696FCAE Datasheet
1Mb / 80P
   PLL Tuned UHF Transceiver for Data Transfer Applications
Rev. 12, 02/2010
logo
Freescale Semiconductor...
MC33696FCAE/R2 FREESCALE-MC33696FCAE/R2 Datasheet
1,008Kb / 80P
   PLL Tuned UHF Transceiver for Data Transfer Applications
logo
NXP Semiconductors
MC33696FCAER2 NXP-MC33696FCAER2 Datasheet
1Mb / 80P
   PLL Tuned UHF Transceiver for Data Transfer Applications
Rev. 12, 02/2010
More results

Similar Description - MC33696

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33696 NXP-MC33696 Datasheet
1Mb / 80P
   PLL Tuned UHF Transceiver for Data Transfer Applications
Rev. 12, 02/2010
logo
Freescale Semiconductor...
MC33696 FREESCALE-MC33696_10 Datasheet
1,008Kb / 80P
   PLL Tuned UHF Transceiver for Data Transfer Applications
logo
Motorola, Inc
MC33492 MOTOROLA-MC33492 Datasheet
849Kb / 16P
   PLL Tuned UHF Transmitter for Data Transfer Applications
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33591 NXP-MC33591 Datasheet
798Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33594 NXP-MC33594 Datasheet
727Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33596 NXP-MC33596 Datasheet
1Mb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com