Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33596 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MC33596 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
MC33596 Data Sheet, Rev. 3
Register Access through SPI
Freescale Semiconductor
16
10.3.4.2 BANKA = 0, BANKB = 1
If strobe pin is 1, configuration is defined by Bank B, BANKS = 0.
If strobe pin is 0, MC33596 configuration is OFF.
If a message is received during State B, current state remains State B up to end of message.
10.3.4.3 BANKA = 1, BANK B = 1
If strobe pin is 1, configuration is defined by BANKS. BANKS is toggled at each falling edge of the strobe
pin.
If strobe pin is 0, MC33596 configuration is OFF.
If a message is received during state A or state B, current state remains the same up to end of message.
If a read or write access is done using SPI, the next sequence will begin with state A whatever was the
active state before SPI access by MCU.
10.3.5 Strobe Oscillator Switch Control
The conditions to enter strobe oscillator switch control are:
Strobe pin connected to an external capacitor to define timing (see Section 13, “Receiver On/Off
Control”)
Strobe pin can also be connected to the MCU I/O port
SOE bit = 1
By simply writing BANKA and BANKB, the active banks will be defined.
MCU can override strobe oscillator control by controlling strobe pin level. If MCU I/O port is in high
impedance, strobe oscillator will control the OFF/ON state of the MC33596. The various available
sequences are described in the following subsections.
BANKA
BANKB
X
0
Bank A is active
0
1
Bank B is active
1
1
Bank A and Bank B are both active, configuration will toggle at each wakeup
OFF
Strobe Pin
State B
OFF
State B
Strobe Pin
Banks Bit
State A
OFF
State B
OFF
State A


Similar Part No. - MC33596

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
MC33596 FREESCALE-MC33596 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33596 NXP-MC33596 Datasheet
1Mb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
MC33596FCAE NXP-MC33596FCAE Datasheet
1Mb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
logo
Freescale Semiconductor...
MC33596FCAE/R2 FREESCALE-MC33596FCAE/R2 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results

Similar Description - MC33596

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33591 NXP-MC33591 Datasheet
798Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33594 NXP-MC33594 Datasheet
727Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33596 NXP-MC33596 Datasheet
1Mb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596_10 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33592FTA MOTOROLA-MC33592FTA Datasheet
524Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596_09 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com