Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33596 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MC33596 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
MC33596 Data Sheet, Rev. 3
Configuration, Command, and Status Registers
Freescale Semiconductor
28
Figure 19 describes configuration register 2, CONFIG2.
DSREF (Data Slicer Reference) selects the data slicer reference.
0 = Fixed reference (cannot be used in FSK)
1 = Adaptive reference (recommended for maximum sensitivity in OOK and FSK)
In the case of FSK modulation (MODU = 1), DSREF must be set.
FRM (Frequency Register Manager) enables either a user friendly access to one frequency register or a
direct access to the two frequency registers.
0 = The carrier frequency and the FSK deviation are defined by the F register
1 = The local oscillator frequency and the two carrier frequencies are defined by two frequency
registers, F and FT.
MODU (Modulation) sets the data modulation type.
0 = On/Off Keying (OOK) modulation
1 = Frequency Shift Keying (FSK) modulation
DR[1:0] (Data Rate) configure the receiver blocks operating in base band.
Low-pass data filter
Low-pass average filter generating the data slicer reference, if DSREF is set
Data manager
If the data manager is disabled, the incoming signal data rate must be lower than or equal to the data
manager maximum data rate.
TRXE (Receiver Enable) enables the whole receiver.
0 = standby mode
1 = other modes can be activated
DME (Data Manager Enable) enables the data manager.
0 = disabled
1 = enabled
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Addr
Bit Name
DSREF
FRM
MODU
DR1
DR0
TRXE
DME
SOE
$01
Reset Value
0
0
0
1
0
0
0
0
Figure 19. CONFIG2 Register
Table 11. Base Band Parameter Configuration
DR1
DR0
Data Filter
Cut-off Frequency
Average Filter
Cut-off Frequency
Data Manager
Data Rate Range
0
0
6 kHz
0.5 kHz
2–2.8 kBd
0
1
12 kHz
1 kHz
4–5.6 kBd
1
0
24 kHz
2 kHz
8–10.6 kBd
1
1
48 kHz
4 kHz
16–22.4 kBd


Similar Part No. - MC33596

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
MC33596 FREESCALE-MC33596 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33596 NXP-MC33596 Datasheet
1Mb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
MC33596FCAE NXP-MC33596FCAE Datasheet
1Mb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
logo
Freescale Semiconductor...
MC33596FCAE/R2 FREESCALE-MC33596FCAE/R2 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results

Similar Description - MC33596

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33591 NXP-MC33591 Datasheet
798Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33594 NXP-MC33594 Datasheet
727Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33596 NXP-MC33596 Datasheet
1Mb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596_10 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33592FTA MOTOROLA-MC33592FTA Datasheet
524Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596_09 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com