Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDU12H-300 Datasheet(PDF) 4 Page - Data Delay Devices, Inc.

Part # DDU12H-300
Description  5-TAP, ECL-INTERFACED FIXED DELAY LINE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

DDU12H-300 Datasheet(HTML) 4 Page - Data Delay Devices, Inc.

  DDU12H-300 Datasheet HTML 1Page - Data Delay Devices, Inc. DDU12H-300 Datasheet HTML 2Page - Data Delay Devices, Inc. DDU12H-300 Datasheet HTML 3Page - Data Delay Devices, Inc. DDU12H-300 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DDU12H
DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature: 25
oC ± 3oC
Load:
50
Ω to -2V
Supply Voltage (Vcc): -5.0V
± 0.1V
Cload:
5pf
± 10%
Input Pulse:
Standard 10KH ECL
Threshold:
(VOH + VOL) / 2
levels
(Rising & Falling)
Source Impedance:
50
Ω Max.
Rise/Fall Time:
2.0 ns Max. (measured
between 20% and 80%)
Pulse Width:
PWIN = 1.5 x Total Delay
Period:
PERIN = 10 x Total Delay
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
T1
OUT
TRIG
IN
REF
TRIG
Test Setup
DEVICE UNDER
TEST (DUT)
OSCILLOSCOPE
PULSE
GENERATOR
IN
T2
T3
T4
T5
T6
T7
T8
T9
T10
Timing Diagram For Testing
TRISE
TFALL
PERIN
PWIN
TRISE
TFALL
20%
20%
50%
50%
80%
80%
50%
50%
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL
Doc #97036
DATA DELAY DEVICES, INC.
4
5/3/2006
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com


Similar Part No. - DDU12H-300

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU12H-300C3 DATADELAY-DDU12H-300C3 Datasheet
40Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU12H)
DDU12H-300M DATADELAY-DDU12H-300M Datasheet
40Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU12H)
DDU12H-300MC3 DATADELAY-DDU12H-300MC3 Datasheet
40Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU12H)
More results

Similar Description - DDU12H-300

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU18 DATADELAY-DDU18 Datasheet
222Kb / 4P
   8-TAP, ECL-INTERFACED FIXED DELAY LINE FIXED DELAY LINE
DDU11H DATADELAY-DDU11H Datasheet
38Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU11H)
DDU12H DATADELAY-DDU12H Datasheet
40Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU12H)
SMD99F DATADELAY-SMD99F Datasheet
43Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8C DATADELAY-DDU8C Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
DDU8C3 DATADELAY-DDU8C3 Datasheet
45Kb / 4P
   5-TAP, 3.3V CMOS-INTERFACED FIXED DELAY LINE
DDU66F DATADELAY-DDU66F Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU4F DATADELAY-DDU4F Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
DDU222C DATADELAY-DDU222C Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU222C)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com