Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC13192 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part No. MC13192
Description  2.4 GHz Low Power Transceiver for the IEEE® 802.15.4 Standard
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC13192 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

 
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Features
MC13192 Technical Data, Rev. 3.2
2
Freescale Semiconductor
For more detailed information about MC13192 operation, refer to the MC13192 Reference Manual,
(MC13192RM).
Applications include, but are not limited to, the following:
Remote control and wire replacement in industrial systems such as wireless sensor networks
Factory automation and motor control
Energy Management (lighting, HVAC, etc.)
Asset tracking and monitoring
Potential consumer applications include:
Home automation and control (lighting, thermostats, etc.)
Human interface devices (keyboard, mice, etc.)
Remote control
Wireless toys
The transceiver includes a low noise amplifier, 1.0 mW power amplifier (PA), PLL with internal voltage
controlled oscillator (VCO), on-board power supply regulation, and full spread-spectrum encoding and
decoding. The device supports 250 kbps Offset-Quadrature Phase Shift Keying (O-QPSK) data in 2.0
MHz channels with 5.0 MHz channel spacing per the 802.15.4 Standard. The SPI port and interrupt request
output are used for receive (RX) and transmit (TX) data transfer and control.
2Features
Supports 250 kbps O-QPSK data in 5.0 MHz channels and full spread-spectrum encode and decode
(compatible with the 802.15.4 Standard)
Operates on one of 16 selectable channels in the 2.4 GHz band
RX sensitivity of <-92 dBm (typical) at 1.0% packet error rate
0 dBm nominal, programmable from -27 dBm to 4 dBm typical maximum output power
Recommended power supply range: 2.0 to 3.4 V
Buffered transmit and receive data packets for simplified use with low cost MCUs
Three power down modes for power conservation:
— < 1 µA Off current
— 1 µA Typical Hibernate current
— 35 µA Typical Doze current (no CLKO)
Four internal timer comparators available to supplement MCU resource
Programmable frequency clock output (CLKO) for use by MCU
Onboard trim capability for 16 MHz crystal reference oscillator eliminates need for external
variable capacitors and allows for automated production frequency calibration.
Seven general purpose input/output (GPIO) signals
Operating temperature range: -40 °C to 85 °C
Small form factor QFN-32 Package


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn