Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13192 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MC13192
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13192 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MC13192_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13192_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13192_07 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13192_07 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13192_07 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13192_07 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13192_07 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC13192_07 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC13192_07 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Functional Description
MC13192 Technical Data, Rev. 3.2
12
Freescale Semiconductor
Figure 7. SPI Interface
Although the SPI port is fully static, internal memory, timer and interrupt arbiters require an internal clock
(CLKcore), derived from the crystal reference oscillator, to communicate from the SPI registers to internal
registers and memory.
6.2.1
SPI Burst Operation
The SPI port of an MCU transfers data in bursts of 8 bits with most significant bit (MSB) first. The master
(MCU) can send a byte to the slave (transceiver) on the MOSI line and the slave can send a byte to the
master on the MISO line. Although an MC13192 transaction is three or more SPI bursts long, the timing
of a single SPI burst is shown in Figure 8.
Figure 8. SPI Single Burst Timing Diagram
SPI digital timing specifications are shown in Table 6.
Shift Register
Baud Rate
Generator
Shift Register
Chip Enable (CE)
RxD
MISO
TxD
MOSI
Sclk
SPICLK
MCU
MC13192
CE
1
23
4
5
6
7
8
CE
SPICLK
T1
T2
T4
T0
SPI Burst
Valid
T5
T6
T3
Valid
T7
MISO
MOSI
Valid


Similar Part No. - MC13192_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13192 FREESCALE-MC13192_08 Datasheet
379Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results

Similar Description - MC13192_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com