Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDU12H-40 Datasheet(PDF) 3 Page - Data Delay Devices, Inc.

Part # DDU12H-40
Description  5-TAP, ECL-INTERFACED FIXED DELAY LINE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

DDU12H-40 Datasheet(HTML) 3 Page - Data Delay Devices, Inc.

  DDU12H-40 Datasheet HTML 1Page - Data Delay Devices, Inc. DDU12H-40 Datasheet HTML 2Page - Data Delay Devices, Inc. DDU12H-40 Datasheet HTML 3Page - Data Delay Devices, Inc. DDU12H-40 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DDU12H
PACKAGE DIMENSIONS
DDU12H-xx
(Commercial DIP)
DDU12H-xxM (Military DIP)
.150
±.030
1.650 TYP.
1
345
8
16
12
11
9
.320
MAX.
.018
TYP.
.400
TYP.
.300
TYP.
.012 TYP.
.020
TYP.
29
30
31
32
21
22
23
24
.100
.200
.300
.400
.700
.800
.900
1.000
1.100
1.500
.075
DDU12H-xxC4
(Commercial SMD)
DDU12H-xxMC4 (Military SMD)
1.280
±.020
.882
±.00
.020 TYP.
.040 TYP.
.100
.090
1.100
.320
MAX.
.590
MAX.
.010
±.002
.050
±.01
.710
±.00
.007
±.00
1
2
3
4
5
6
7
8
9
10 11 12
13
14
15
16
17
18
19
20
21
22
23
24
Doc #97036
DATA DELAY DEVICES, INC.
3
5/3/2006
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - DDU12H-40

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU12H-400C3 DATADELAY-DDU12H-400C3 Datasheet
40Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU12H)
DDU12H-400M DATADELAY-DDU12H-400M Datasheet
40Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU12H)
DDU12H-400MC3 DATADELAY-DDU12H-400MC3 Datasheet
40Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU12H)
DDU12H-40C3 DATADELAY-DDU12H-40C3 Datasheet
40Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU12H)
DDU12H-40M DATADELAY-DDU12H-40M Datasheet
40Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU12H)
More results

Similar Description - DDU12H-40

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU18 DATADELAY-DDU18 Datasheet
222Kb / 4P
   8-TAP, ECL-INTERFACED FIXED DELAY LINE FIXED DELAY LINE
DDU11H DATADELAY-DDU11H Datasheet
38Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU11H)
DDU12H DATADELAY-DDU12H Datasheet
40Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU12H)
SMD99F DATADELAY-SMD99F Datasheet
43Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8C DATADELAY-DDU8C Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
DDU8C3 DATADELAY-DDU8C3 Datasheet
45Kb / 4P
   5-TAP, 3.3V CMOS-INTERFACED FIXED DELAY LINE
DDU66F DATADELAY-DDU66F Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU4F DATADELAY-DDU4F Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
DDU222C DATADELAY-DDU222C Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU222C)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com