Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MX21S Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # MC9328MX21S
Description  MX family of microprocessors
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MX21S Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MC9328MX21S Datasheet HTML 80Page - Freescale Semiconductor, Inc MC9328MX21S Datasheet HTML 81Page - Freescale Semiconductor, Inc MC9328MX21S Datasheet HTML 82Page - Freescale Semiconductor, Inc MC9328MX21S Datasheet HTML 83Page - Freescale Semiconductor, Inc MC9328MX21S Datasheet HTML 84Page - Freescale Semiconductor, Inc MC9328MX21S Datasheet HTML 85Page - Freescale Semiconductor, Inc MC9328MX21S Datasheet HTML 86Page - Freescale Semiconductor, Inc MC9328MX21S Datasheet HTML 87Page - Freescale Semiconductor, Inc MC9328MX21S Datasheet HTML 88Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 87 / 88 page
background image
Document Revision History
MC9328MX21S Technical Data, Rev. 1.1
Freescale Semiconductor
87
5
Document Revision History
Table 41 provides the document changes for the MC9328MX21S Rev. 1.1.
Table 41. Document Revision History
Location
Description of Change
Table 1 on page 3
Added VM and CVM devices.
Table 40 on page 84
Added Package Drawing for the 17mm x 17mm package.


Similar Part No. - MC9328MX21S

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21SCVK FREESCALE-MC9328MX21SCVK Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
logo
NXP Semiconductors
MC9328MX21SCVK NXP-MC9328MX21SCVK Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21SCVM FREESCALE-MC9328MX21SCVM Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
More results

Similar Description - MC9328MX21S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
MC9328MX1 FREESCALE-MC9328MX1_06 Datasheet
1Mb / 100P
   MX Family of applications processors
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
MC9328MXL FREESCALE-MC9328MXL_06 Datasheet
1Mb / 90P
   MX Family of applications processors
MC9328MXS FREESCALE-MC9328MXS Datasheet
1Mb / 74P
   MX Family of applications processors
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com