Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC114TT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PDTC114TT
Description  NPN resistor-equipped transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC114TT Datasheet(HTML) 3 Page - NXP Semiconductors

  PDTC114TT Datasheet HTML 1Page - NXP Semiconductors PDTC114TT Datasheet HTML 2Page - NXP Semiconductors PDTC114TT Datasheet HTML 3Page - NXP Semiconductors PDTC114TT Datasheet HTML 4Page - NXP Semiconductors PDTC114TT Datasheet HTML 5Page - NXP Semiconductors PDTC114TT Datasheet HTML 6Page - NXP Semiconductors PDTC114TT Datasheet HTML 7Page - NXP Semiconductors PDTC114TT Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 16
3
Philips Semiconductors
Objective specification
NPN resistor-equipped transistor
PDTC114TT
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =50V
−−
100
nA
ICEO
collector cut-off current
IB = 0; VCE =30V
−−
1
µA
IB = 0; VCE = 30 V; Tj = 150 °C
−−
50
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V
−−
100
nA
hFE
DC current gain
IC = 1 mA; VCE = 5 V
200
−−
VCEsat
collector-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA
−−
150
mV
R1
input resistor
7
10
13
k
Cc
collector capacitance
IE =ie = 0; VCB =10V;
f = 1 MHz
−−
2.5
pF
Fig.3
DC current gain as a function of collector
current; typical values.
VCE =5V.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
handbook, halfpage
600
0
10−1
110
102
MGM902
IC (mA)
hFE
(1)
(2)
(3)
200
400
Fig.4
Collector-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 10.
(1) Tamb = 100 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
handbook, halfpage
10−1
MGM901
10−2
VCEsat
(V)
(2)
(3)
(1)
10−1
110
102
IC (mA)


Similar Part No. - PDTC114TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114TT PHILIPS-PDTC114TT Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open
2004 Aug 02
PDTC114TT PHILIPS-PDTC114TT Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PDTC114TT NXP-PDTC114TT Datasheet
88Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08-9 February 2006
logo
Nexperia B.V. All right...
PDTC114TT NEXPERIA-PDTC114TT Datasheet
587Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
PDTC114TT NEXPERIA-PDTC114TT Datasheet
586Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
More results

Similar Description - PDTC114TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114EK PHILIPS-PDTC114EK Datasheet
66Kb / 8P
   NPN resistor-equipped transistor
1998 Nov 26
PDTC114TE PHILIPS-PDTC114TE Datasheet
58Kb / 8P
   NPN resistor-equipped transistor
1998 Aug 03
PDTC114TU PHILIPS-PDTC114TU Datasheet
48Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 16
PDTC114YT PHILIPS-PDTC114YT Datasheet
50Kb / 8P
   NPN resistor-equipped transistor
1999 May 21
PDTC114YU PHILIPS-PDTC114YU Datasheet
53Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 20
PDTC124EE PHILIPS-PDTC124EE Datasheet
66Kb / 8P
   NPN resistor-equipped transistor
1998 Jul 31
PDTC124ET PHILIPS-PDTC124ET Datasheet
50Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 16
PDTC124XEF PHILIPS-PDTC124XEF Datasheet
63Kb / 8P
   NPN resistor-equipped transistor
1999 May 18
PDTC143EE PHILIPS-PDTC143EE Datasheet
65Kb / 8P
   NPN resistor-equipped transistor
1998 Jul 31
PDTC143ES PHILIPS-PDTC143ES Datasheet
69Kb / 8P
   NPN resistor-equipped transistor
1998 May 20
PDTC144EU PHILIPS-PDTC144EU Datasheet
53Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com