Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12C128MFU Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MC9S12C128MFU
Description  Microcontrollers
Download  680 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12C128MFU Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MC9S12C128MFU Datasheet HTML 59Page - Freescale Semiconductor, Inc MC9S12C128MFU Datasheet HTML 60Page - Freescale Semiconductor, Inc MC9S12C128MFU Datasheet HTML 61Page - Freescale Semiconductor, Inc MC9S12C128MFU Datasheet HTML 62Page - Freescale Semiconductor, Inc MC9S12C128MFU Datasheet HTML 63Page - Freescale Semiconductor, Inc MC9S12C128MFU Datasheet HTML 64Page - Freescale Semiconductor, Inc MC9S12C128MFU Datasheet HTML 65Page - Freescale Semiconductor, Inc MC9S12C128MFU Datasheet HTML 66Page - Freescale Semiconductor, Inc MC9S12C128MFU Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 680 page
background image
Chapter 1 MC9S12C and MC9S12GC Device Overview (MC9S12C128)
Freescale Semiconductor
MC9S12C-Family / MC9S12GC-Family
63
Rev 01.23
1.6.2
Resets
Resets are a subset of the interrupts featured in Table 1-9. The different sources capable of generating a
system reset are summarized in Table 1-10. When a reset occurs, MCU registers and control bits are
changed to known start-up states. Refer to the respective module Block User Guides for register reset
states.
1.6.2.1
Reset Summary Table
1.6.2.2
Effects of Reset
When a reset occurs, MCU registers and control bits are changed to known start-up states. Refer to the
respective module Block User Guides for register reset states. Refer to the HCS12 Multiplexed External
Bus Interface (MEBI) Block Guide for mode dependent pin configuration of port A, B and E out of reset.
Refer to the PIM Block User Guide for reset configurations of all peripheral module ports.
Refer to Figure 1-2 to Figure 1-6 footnotes for locations of the memories depending on the operating mode
after reset.
The RAM array is not automatically initialized out of reset.
NOTE
For devices assembled in 48-pin or 52-pin LQFP packages all non-bonded
out pins should be configured as outputs after reset in order to avoid current
drawn from floating inputs. Refer to Table 1-5 for affected pins.
1.7
Device Specific Information and Module Dependencies
1.7.1
PPAGE
External paging is not supported on these devices. In order to access the 16K flash blocks in the address
range 0x8000–0xBFFF the PPAGE register must be loaded with the corresponding value for this range.
Refer to Table 1-11 for device specific page mapping.
For all devices Flash Page 3F is visible in the 0xC000–0xFFFF range if ROMON is set. For all devices
(except MC9S12GC16) Page 3E is also visible in the 0x4000–0x7FFF range if ROMHM is cleared and
ROMON is set. For all devices apart from MC9S12C32 Flash Page 3D is visible in the 0x0000–0x3FFF
range if ROMON is set...
Table 1-10. Reset Summary
Reset
Priority
Source
Vector
Power-on Reset
1
CRG module
0xFFFE, 0xFFFF
External Reset
1
RESET pin
0xFFFE, 0xFFFF
Low Voltage Reset
1
VREG module
0xFFFE, 0xFFFF
Clock Monitor Reset
2
CRG module
0xFFFC, 0xFFFD
COP Watchdog Reset
3
CRG module
0xFFFA, 0xFFFB


Similar Part No. - MC9S12C128MFU

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12C128MFU FREESCALE-MC9S12C128MFU Datasheet
3Mb / 690P
   Reference Manual
MC9S12C128MFU FREESCALE-MC9S12C128MFU Datasheet
2Mb / 690P
   Reference Manual
More results

Similar Description - MC9S12C128MFU

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com