Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12C128MPB Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MC9S12C128MPB
Description  Microcontrollers
Download  680 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12C128MPB Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MC9S12C128MPB Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9S12C128MPB Datasheet HTML 15Page - Freescale Semiconductor, Inc MC9S12C128MPB Datasheet HTML 16Page - Freescale Semiconductor, Inc MC9S12C128MPB Datasheet HTML 17Page - Freescale Semiconductor, Inc MC9S12C128MPB Datasheet HTML 18Page - Freescale Semiconductor, Inc MC9S12C128MPB Datasheet HTML 19Page - Freescale Semiconductor, Inc MC9S12C128MPB Datasheet HTML 20Page - Freescale Semiconductor, Inc MC9S12C128MPB Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9S12C128MPB Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 680 page
background image
Chapter 1 MC9S12C and MC9S12GC Device Overview (MC9S12C128)
18
MC9S12C-Family / MC9S12GC-Family
Freescale Semiconductor
Rev 01.23
Memory options:
— 16K or 32Kbyte Flash EEPROM (erasable in 512-byte sectors)
64K, 96K, or 128Kbyte Flash EEPROM (erasable in 1024-byte sectors)
— 1K, 2K or 4K Byte RAM
Analog-to-digital converters:
— One 8-channel module with 10-bit resolution
— External conversion trigger capability
Available on MC9S12C Family:
— One 1M bit per second, CAN 2.0 A, B software compatible module
— Five receive and three transmit buffers
— Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit, or 8 x 8 bit
— Four separate interrupt channels for Rx, Tx, error, and wake-up
— Low-pass filter wake-up function
— Loop-back for self test operation
Timer module (TIM):
— 8-channel timer
— Each channel configurable as either input capture or output compare
— Simple PWM mode
— Modulo reset of timer counter
— 16-bit pulse accumulator
— External event counting
— Gated time accumulation
PWM module:
— Programmable period and duty cycle
— 8-bit 6-channel or 16-bit 3-channel
— Separate control for each pulse width and duty cycle
— Center-aligned or left-aligned outputs
— Programmable clock select logic with a wide range of frequencies
— Fast emergency shutdown input
Serial interfaces:
— One asynchronous serial communications interface (SCI)
— One synchronous serial peripheral interface (SPI)
CRG (clock reset generator module)
— Windowed COP watchdog
— Real time interrupt
— Clock monitor
— Pierce or low current Colpitts oscillator
— Phase-locked loop clock frequency multiplier
— Limp home mode in absence of external clock
— Low power 0.5MHz to 16MHz crystal oscillator reference clock


Similar Part No. - MC9S12C128MPB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12C128MPB FREESCALE-MC9S12C128MPB Datasheet
3Mb / 690P
   Reference Manual
MC9S12C128MPB FREESCALE-MC9S12C128MPB Datasheet
2Mb / 690P
   Reference Manual
More results

Similar Description - MC9S12C128MPB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com