Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3D3424 Datasheet(PDF) 4 Page - Data Delay Devices, Inc.

Part # 3D3424
Description  MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D3424 Datasheet(HTML) 4 Page - Data Delay Devices, Inc.

  3D3424 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D3424 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D3424 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D3424 Datasheet HTML 4Page - Data Delay Devices, Inc. 3D3424 Datasheet HTML 5Page - Data Delay Devices, Inc. 3D3424 Datasheet HTML 6Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3D3424
APPLICATION NOTES (CONT’D)
INPUT SIGNAL CONSIDERATIONS
The frequency and/or pulse width (high or low) of
operation may adversely impact the specified
delay and increment accuracy of the particular
device. The reasons for the dependency of the
output delay accuracy on the input signal
characteristics are varied and complex.
Therefore, a recommended and an absolute
maximum operating input frequency and a
recommended and an absolute minimum
operating pulse width have been specified.
OPERATING FREQUENCY
The absolute maximum operating frequency
specification, tabulated in Table 1, determines
the highest frequency of the delay line input
signal that can be reproduced, shifted in time at
the device output, with acceptable duty cycle
distortion.
The recommended maximum operating
frequency specification determines the highest
frequency of the delay line input signal for which
the output delay accuracy is guaranteed.
Operation above the recommended maximum
frequency will cause the delays to shift slighty
with respect to their values at low-frequency
operation. The magnitudes of these deviations
will increase as the absolute maximum frequency
is approached. However, if the input frequency
and pulse width remain constant, the device will
exhibit the same delays from one period to the
next (ie, no appreciable jitter).
OPERATING PULSE WIDTH
The absolute minimum operating pulse width
(high or low) specification, tabulated in Table 1,
determines the smallest pulse width of the delay
line input signal that can be reproduced, shifted
in time at the device output, with acceptable
pulse width distortion.
The minimum operating pulse width (high or low)
specification determines the smallest pulse width
of the delay line input signal for which the output
delay accuracy tabulated in Table 1 is
guaranteed.
Operation below the recommended minimum
pulse width will cause the delays to shift slighty
with respect to their values at long-pulse-width
operation. The magnitudes of these deviations
will increase as the absolute minimum pulse
width is approached. However, if the input pulse
width and frequency remain constant, the device
will exhibit the same delays from one period to
the next (ie, no appreciable jitter).
PROGRAMMED DELAY UPDATE
A delay line is a memory device. It stores
information present at the input for a time equal
to the delay setting before presenting it at the
output. Each 4-bit delay line in the 3D3424 is
represented by 15 serially connected delay
elements (individually addressed by the
programming data), each capable of storing data
for a time equal to the device increment (step
time). The delay line memory property, in
conjunction with the operational requirement of
“instantaneously” connecting the delay element
addressed by the programming data to the
output, may inject spurious information onto the
output data stream. In order to ensure that
spurious outputs do not occur, it is essential that
the input signal be idle (held high or low) for a
short duration prior to updating the programmed
delay. This duration is given by the maximum
programmable delay. Satisfying this requirement
allows the delay line to “clear” itself of spurious
edges. Once the new address is loaded, the
input signal can begin to switch.
Doc #06020
DATA DELAY DEVICES, INC.
4
6/6/2006
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com


Similar Part No. - 3D3424

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3D3428 ETC-3D3428 Datasheet
509Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Data Delay Devices, Inc...
3D3428 DATADELAY-3D3428 Datasheet
516Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
logo
List of Unclassifed Man...
3D3428-0.25 ETC-3D3428-0.25 Datasheet
509Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Data Delay Devices, Inc...
3D3428-0.25 DATADELAY-3D3428-0.25 Datasheet
516Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
logo
List of Unclassifed Man...
3D3428-0.5 ETC-3D3428-0.5 Datasheet
509Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
More results

Similar Description - 3D3424

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7424 DATADELAY-3D7424 Datasheet
361Kb / 6P
   MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE
3D7444 DATADELAY-3D7444 Datasheet
316Kb / 6P
   MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7444)
3D3444 DATADELAY-3D3444 Datasheet
313Kb / 6P
   MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE (SERIES 3D3444)
logo
List of Unclassifed Man...
3D3428 ETC-3D3428 Datasheet
509Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Data Delay Devices, Inc...
3D7408 DATADELAY-3D7408 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428 Datasheet
513Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428_06 Datasheet
471Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
PDU14F DATADELAY-PDU14F Datasheet
58Kb / 5P
   4-BIT PROGRAMMABLE DELAY LINE
logo
Dallas Semiconductor
DS1045 DALLAS-DS1045 Datasheet
95Kb / 6P
   4-Bit Dual Programmable Delay Line
logo
Data Delay Devices, Inc...
3D3428 DATADELAY-3D3428 Datasheet
516Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com