Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12C128VPB Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # MC9S12C128VPB
Description  Microcontrollers
Download  680 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12C128VPB Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MC9S12C128VPB Datasheet HTML 94Page - Freescale Semiconductor, Inc MC9S12C128VPB Datasheet HTML 95Page - Freescale Semiconductor, Inc MC9S12C128VPB Datasheet HTML 96Page - Freescale Semiconductor, Inc MC9S12C128VPB Datasheet HTML 97Page - Freescale Semiconductor, Inc MC9S12C128VPB Datasheet HTML 98Page - Freescale Semiconductor, Inc MC9S12C128VPB Datasheet HTML 99Page - Freescale Semiconductor, Inc MC9S12C128VPB Datasheet HTML 100Page - Freescale Semiconductor, Inc MC9S12C128VPB Datasheet HTML 101Page - Freescale Semiconductor, Inc MC9S12C128VPB Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 680 page
background image
Chapter 2 Port Integration Module (PIM9C32) Block Description
98
MC9S12C-Family / MC9S12GC-Family
Freescale Semiconductor
Rev 01.23
2.3.2.5.3
Port J Data Direction Register (DDRJ)
Read: Anytime.
Write: Anytime.
2.3.2.5.4
Port J Reduced Drive Register (RDRJ)
Read: Anytime.
Write: Anytime.
Module Base + 0x002A
76543210
R
DDRJ7
DDRJ6
000000
W
Reset
0
0
——————
= Unimplemented or Reserved
Figure 2-34. Port J Data Direction Register (DDRJ)
Table 2-28. DDRJ Field Descriptions
Field
Description
7–6
DDRJ[7:6]
Data Direction Port J — This register configures port pins J[7:6] as either input or output.
DDRJ[7:6] — Data Direction Port J
0 Associated pin is configured as input.
1 Associated pin is configured as output.
Note: Due to internal synchronization circuits, it can take up to 2 bus cycles until the correct value is read on PTJ
or PTIJ registers, when changing the DDRJ register.
Module Base + 0x002B
76543210
R
RDRJ7
RDRJ6
000000
W
Reset
0
0
——————
= Unimplemented or Reserved
Figure 2-35. Port J Reduced Drive Register (RDRJ)
Table 2-29. RDRJ Field Descriptions
Field
Description
7–6
RDRJ[7:6]
Reduced Drive Port J — This register configures the drive strength of each port J output pin as either full or
reduced. If the port is used as input this bit is ignored.
0 Full drive strength at output.
1 Associated pin drives at about 1/3 of the full drive strength.


Similar Part No. - MC9S12C128VPB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12C128VPB FREESCALE-MC9S12C128VPB Datasheet
3Mb / 690P
   Reference Manual
MC9S12C128VPB FREESCALE-MC9S12C128VPB Datasheet
2Mb / 690P
   Reference Manual
More results

Similar Description - MC9S12C128VPB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com