Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12C128CFU Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # MC9S12C128CFU
Description  Microcontrollers
Download  680 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12C128CFU Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button MC9S12C128CFU Datasheet HTML 89Page - Freescale Semiconductor, Inc MC9S12C128CFU Datasheet HTML 90Page - Freescale Semiconductor, Inc MC9S12C128CFU Datasheet HTML 91Page - Freescale Semiconductor, Inc MC9S12C128CFU Datasheet HTML 92Page - Freescale Semiconductor, Inc MC9S12C128CFU Datasheet HTML 93Page - Freescale Semiconductor, Inc MC9S12C128CFU Datasheet HTML 94Page - Freescale Semiconductor, Inc MC9S12C128CFU Datasheet HTML 95Page - Freescale Semiconductor, Inc MC9S12C128CFU Datasheet HTML 96Page - Freescale Semiconductor, Inc MC9S12C128CFU Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 680 page
background image
Chapter 2 Port Integration Module (PIM9C32) Block Description
Freescale Semiconductor
MC9S12C-Family / MC9S12GC-Family
93
Rev 01.23
2.3.2.4
Port P Registers
2.3.2.4.1
Port P I/O Register (PTP)
Read: Anytime.
Write: Anytime.
If the data direction bits of the associated I/O pins are set to 1, a read returns the value of the port register,
otherwise the value at the pins is read.
2.3.2.4.2
Port P Input Register (PTIP)
Read: Anytime.
Write: Never, writes to this register have no effect.
This register always reads back the status of the associated pins. This can be also used to detect overload
or short circuit conditions on output pins.
Module Base + 0x0018
76543210
R
PTP7
PTP6
PTP5
PTP4
PTP3
PTP2
PTP1
PTP0
W
PWM
PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
Reset
0
0
0
00000
Figure 2-24. Port P I/O Register (PTP)
Module Base + 0x0019
76543210
R
PTIP7
PTIP6
PTIP5
PTIP4
PTIP3
PTIP2
PTIP1
PTIP0
W
Reset
——————
= Unimplemented or Reserved
Figure 2-25. Port P Input Register (PTIP)


Similar Part No. - MC9S12C128CFU

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12C128CFU FREESCALE-MC9S12C128CFU Datasheet
3Mb / 690P
   Reference Manual
MC9S12C128CFU FREESCALE-MC9S12C128CFU Datasheet
2Mb / 690P
   Reference Manual
More results

Similar Description - MC9S12C128CFU

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com