Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12C128CFU Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MC9S12C128CFU
Description  Microcontrollers
Download  680 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12C128CFU Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MC9S12C128CFU Datasheet HTML 48Page - Freescale Semiconductor, Inc MC9S12C128CFU Datasheet HTML 49Page - Freescale Semiconductor, Inc MC9S12C128CFU Datasheet HTML 50Page - Freescale Semiconductor, Inc MC9S12C128CFU Datasheet HTML 51Page - Freescale Semiconductor, Inc MC9S12C128CFU Datasheet HTML 52Page - Freescale Semiconductor, Inc MC9S12C128CFU Datasheet HTML 53Page - Freescale Semiconductor, Inc MC9S12C128CFU Datasheet HTML 54Page - Freescale Semiconductor, Inc MC9S12C128CFU Datasheet HTML 55Page - Freescale Semiconductor, Inc MC9S12C128CFU Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 680 page
background image
Chapter 1 MC9S12C and MC9S12GC Device Overview (MC9S12C128)
52
MC9S12C-Family / MC9S12GC-Family
Freescale Semiconductor
Rev 01.23
1.3.4.6
PA[7:0] / ADDR[15:8] / DATA[15:8] — Port A I/O Pins
PA7–PA0 are general purpose input or output pins,. In MCU expanded modes of operation, these pins are
used for the multiplexed external address and data bus. PA[7:1] pins are not available in the 48-pin package
version. PA[7:3] are not available in the 52-pin package version.
1.3.4.7
PB[7:0] / ADDR[7:0] / DATA[7:0] — Port B I/O Pins
PB7–PB0 are general purpose input or output pins. In MCU expanded modes of operation, these pins are
used for the multiplexed external address and data bus. PB[7:5] and PB[3:0] pins are not available in the
48-pin nor 52-pin package version.
1.3.4.8
PE7 / NOACC / XCLKS — Port E I/O Pin 7
PE7 is a general purpose input or output pin. During MCU expanded modes of operation, the NOACC
signal, when enabled, is used to indicate that the current bus cycle is an unused or “free” cycle. This signal
will assert when the CPU is not using the bus.The XCLKS is an input signal which controls whether a
crystal in combination with the internal Colpitts (low power) oscillator is used or whether Pierce
oscillator/external clock circuitry is used. The state of this pin is latched at the rising edge of RESET. If
the input is a logic low the EXTAL pin is configured for an external clock drive or a Pierce oscillator. If
input is a logic high a Colpitts oscillator circuit is configured on EXTAL and XTAL. Since this pin is an
input with a pull-up device during reset, if the pin is left floating, the default configuration is a Colpitts
oscillator circuit on EXTAL and XTAL.
Figure 1-11. Colpitts Oscillator Connections (PE7 = 1)
Figure 1-12. Pierce Oscillator Connections (PE7 = 0)
MCU
C2
EXTAL
XTAL
Crystal or
VSSPLL
Ceramic Resonator
C1
CDC1
1. Due to the nature of a translated ground Colpitts oscillator a DC voltage
bias is applied to the crystal. Please contact the crystal manufacturer for
crystal DC.
MCU
EXTAL
XTAL
RS
1
RB
VSSPLL
Crystal or
Ceramic Resonator
C2
C1
1. RS can be zero (shorted) when used with higher frequency crystals,
refer to manufacturer’s data.


Similar Part No. - MC9S12C128CFU

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12C128CFU FREESCALE-MC9S12C128CFU Datasheet
3Mb / 690P
   Reference Manual
MC9S12C128CFU FREESCALE-MC9S12C128CFU Datasheet
2Mb / 690P
   Reference Manual
More results

Similar Description - MC9S12C128CFU

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com