Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12A256 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MC9S12A256
Description  microcontroller unit (MCU)
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12A256 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MC9S12A256 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC9S12A256 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC9S12A256 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC9S12A256 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC9S12A256 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC9S12A256 Datasheet HTML 38Page - Freescale Semiconductor, Inc MC9S12A256 Datasheet HTML 39Page - Freescale Semiconductor, Inc MC9S12A256 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC9S12A256 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 96 page
background image
MC9S12A256 Device Guide — V01.01
2.4.7 VREGEN — On Chip Voltage Regulator Enable
Enables the internal 5V to 2.5V voltage regulator. If this pin is tied low, VDD1,2 and VDDPLL must be
supplied externally.
Table 2-2 MC9S12A256 Power and Ground Connection Summary
Mnemonic
Pin Number
Nominal
Voltage
Description
112-pin QFP
VDD1, 2
13, 65
2.5 V
Internal power and ground generated by internal regulator
VSS1, 2
14, 66
0V
VDDR
41
5.0 V
External power and ground, supply to pin drivers and internal
voltage regulator.
VSSR
40
0 V
VDDX
107
5.0 V
External power and ground, supply to pin drivers.
VSSX
106
0 V
VDDA
83
5.0 V
Operating voltage and ground for the analog-to-digital
converters and the reference for the internal voltage regulator,
allows the supply voltage to the A/D to be bypassed
independently.
VSSA
86
0 V
VRL
85
0 V
Reference voltages for the analog-to-digital converter.
VRH
84
5.0 V
VDDPLL
43
2.5 V
Provides operating voltage and ground for the Phased-Locked
Loop. This allows the supply voltage to the PLL to be
bypassed independently. Internal power and ground
generated by internal regulator.
VSSPLL
45
0 V
VREGEN
97
5V
Internal Voltage Regulator enable/disable
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC9S12A256

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12A256 MOTOROLA-MC9S12A256 Datasheet
2Mb / 130P
   MC9S12DT256 Device User Guide V03.03
logo
Freescale Semiconductor...
MC9S12A256 FREESCALE-MC9S12A256 Datasheet
781Kb / 132P
   Device User Guide V03.07
MC9S12A256 FREESCALE-MC9S12A256 Datasheet
787Kb / 132P
   Device User Guide V03.07
MC9S12A256B FREESCALE-MC9S12A256B Datasheet
3Mb / 126P
   device made up of standard HCS12 blocks and the HCS12 processor core
MC9S12A256CFU FREESCALE-MC9S12A256CFU Datasheet
2Mb / 130P
   Microcontroller Unit (MCU)
More results

Similar Description - MC9S12A256

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B128 MOTOROLA-MC9S12B128 Datasheet
1Mb / 128P
   microcontroller unit (MCU)
logo
Freescale Semiconductor...
MC9S12DT256 FREESCALE-MC9S12DT256 Datasheet
2Mb / 130P
   Microcontroller Unit (MCU)
MC9S12DP512 FREESCALE-MC9S12DP512 Datasheet
2Mb / 124P
   Microcontroller Unit (MCU)
logo
Motorola, Inc
MC9S12A128 MOTOROLA-MC9S12A128 Datasheet
712Kb / 92P
   Microcontroller unit (MCU)
logo
Renesas Technology Corp
H83003 RENESAS-H83003 Datasheet
1Mb / 715P
   microcontroller (MCU)
HD6413003RF RENESAS-HD6413003RF Datasheet
1Mb / 715P
   Microcontroller (MCU)
logo
Hitachi Semiconductor
HD6805V1 HITACHI-HD6805V1 Datasheet
609Kb / 21P
   MCU MICROCOMPUTER UNIT
HD65901 HITACHI-HD65901 Datasheet
1Mb / 89P
   MCU(MICROCOMPUTER UNIT)
HD6801S0 HITACHI-HD6801S0 Datasheet
1Mb / 35P
   MCU ( MICROCOMPUTER UNIT )
HD6805W1 HITACHI-HD6805W1 Datasheet
879Kb / 28P
   MCU MICROCOMPUTER UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com