Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRAH-03EXX0 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # XRAH-03EXX0
Description  NON-ISOLATED DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRAH-03EXX0 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  XRAH-03EXX0 Datasheet HTML 1Page - Bel Fuse Inc. XRAH-03EXX0 Datasheet HTML 2Page - Bel Fuse Inc. XRAH-03EXX0 Datasheet HTML 3Page - Bel Fuse Inc. XRAH-03EXX0 Datasheet HTML 4Page - Bel Fuse Inc. XRAH-03EXX0 Datasheet HTML 5Page - Bel Fuse Inc. XRAH-03EXX0 Datasheet HTML 6Page - Bel Fuse Inc. XRAH-03EXX0 Datasheet HTML 7Page - Bel Fuse Inc. XRAH-03EXX0 Datasheet HTML 8Page - Bel Fuse Inc. XRAH-03EXX0 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5 Vdc - 13.2 Vdc Input
0.9 Vdc - 5.0 Vdc/3 A Output
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
VO=5.0 V
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=1.0 V
VO=0.9 V
4.900 V
3.234 V
2.450 V
1.764 V
1.470 V
1.176 V
0.980 V
0.882 V
5.0 V
3.3 V
2.5 V
1.8 V
1.5 V
1.2 V
1.0 V
0.9 V
5.100 V
3.366 V
2.550 V
1.836 V
1.530 V
1.224 V
1.020 V
0.918 V
Test condition:
Vin=8 V, lout=full load
Line Regulation
VO=5.0 V
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=1.0 V
VO=0.9 V
-
-
-
-
-
-
-
-
10 mV
8 mV
6 mV
6 mV
5 mV
5 mV
5 mV
5 mV
15 mV
10 mV
10 mV
10 mV
8 mV
8 mV
8 mV
8 mV
Load Regulation
VO=5.0 V
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=1.0 V
VO=0.9 V
-
-
-
-
-
-
-
-
15 mV
10 mV
8 mV
8 mV
5 mV
5 mV
5 mV
5 mV
25 mV
20 mV
15 mV
15 mV
10 mV
10 mV
10 mV
10 mV
Regulation Over Temperature
(0
°C to 70 °C)
-
20 mV
40 mV
Output Current
0 A
-
3 A
Current Limit Threshold
3.3 A
-
8 A
Short Circuit Surge Transient
-
0.02 A
2s
0.08 A
2s
Ripple and Noise (rms)
-
15 mV
40 mV
BW = 0-20 MHz.
Ripple and Noise (pk-pk)
50 mV
100 mV
BW = 0-20 MHz.
Turn on Time
-
-
60mS
Overshoot at Turn on
-
0%
3%
Output Capacitance
0 uF
-
1200 uF
Transient Response
Overshoot
-
150 mV
200 mV
50% ~ 100%
Max Load
Settling Time
-
60 uS
120 uS
Overshoot
-
150 mV
200 mV
100% ~ 50%
Max Load
Settling Time
VO=5 V
-
60 uS
120 uS
Overshoot
-
110 mV
150 mV
50% ~ 100%
Max Load
Settling Time
-
60 uS
120 uS
Overshoot
-
110 mV
150 mV
100% ~ 50%
Max Load
Settling Time
VO=3.3 V
-
60 uS
120 uS
Overshoot
-
110 mV
150 mV
50% ~ 100%
Max Load
Settling Time
-
60 uS
100 uS
Overshoot
-
110 mV
150 mV
100% ~ 50%
Max Load
Settling Time
VO=2.5 V
-
60 uS
100 uS
di/dt = 0.5 A/uS;
Vin = 8 V;
Ta = 25
°C and with a
220 uF Tan. capacitor on
output


Similar Part No. - XRAH-03EXX0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRAH-03C1A0 BEL-XRAH-03C1A0 Datasheet
196Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
XRAH-03C500 BEL-XRAH-03C500 Datasheet
177Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS
XRAH-03F1A0 BEL-XRAH-03F1A0 Datasheet
240Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 0.9 Vdc - 3.3 Vdc/3 A Output
XRAH-03F1A0 BEL-XRAH-03F1A0 Datasheet
246Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
XRAH-03F1A0 BEL-XRAH-03F1A0_07 Datasheet
246Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRAH-03EXX0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com