Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRAH-01H500 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SRAH-01H500
Description  NON-ISOLATED DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRAH-01H500 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SRAH-01H500 Datasheet HTML 1Page - Bel Fuse Inc. SRAH-01H500 Datasheet HTML 2Page - Bel Fuse Inc. SRAH-01H500 Datasheet HTML 3Page - Bel Fuse Inc. SRAH-01H500 Datasheet HTML 4Page - Bel Fuse Inc. SRAH-01H500 Datasheet HTML 5Page - Bel Fuse Inc. SRAH-01H500 Datasheet HTML 6Page - Bel Fuse Inc. SRAH-01H500 Datasheet HTML 7Page - Bel Fuse Inc. SRAH-01H500 Datasheet HTML 8Page - Bel Fuse Inc. SRAH-01H500 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTER
4.5 Vdc - 32 Vdc Input
1.2 Vdc - 5.0 Vdc/1 A Output
• Non-Isolated
Remote On/Off
• Trim Function
OCP/SCP
• Low Profile Package (7.82 mm)
• UL60950-1 Recognized (UL/cUL)
Under-Voltage Lockout (UVLO)
Description
The Bel xRAH-01Hxx0 series are part of the low cost non-isolated dc/dc converter series. These modules use a
SMD or vertical mount package for ease of layout and space savings. The output is closely regulated and the
efficiency of 5 Vdc output is typically 90% at full load. Typical features include remote on/off, input under voltage
lockout, over current protection and short circuit protection.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Part Number
Surface Mount
Part Number
Vertical Mount
5.0 V
8.0 V - 32 V
1 A
5.0 W
90%
SRAH-01H500
VRAH-01H500
3.3 V
4.5 V - 32 V
1 A
3.3 W
86%
SRAH-01H330
VRAH-01H330
2.5 V
4.5 V - 32 V
1 A
2.5 W
83%
SRAH-01H250
VRAH-01H250
1.8 V
4.5 V - 32 V
1 A
1.8 W
79%
SRAH-01H180
VRAH-01H180
1.5 V
4.5 V - 32 V
1 A
1.5 W
76%
SRAH-01H150
VRAH-01H150
1.2 V
4.5 V - 32 V
1 A
1.2 W
73%
SRAH-01H120
VRAH-01H120
Notes:
1. Add “0” suffix at the end of the model number to indicate “Tube Packaging”, and “R” for “Reel
Packaging”, and “G” for “Tray Packaging”.
2. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
34 V
Output Enable Terminal Voltage
-0.3 V
-
12 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-40
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
VO=5.0 V
VO=1.2 V-3.3 V
8.0 V
4.5 V
20 V
20 V
32 V
32 V
Input Current (no load)
-
5 mA
8 mA
Input Current (full load)
VO=5.0 V
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
-
-
-
-
-
-
-
-
-
-
-
-
0.30 A
0.20 A
0.16 A
0.12 A
0.11 A
0.09 A
Remote Off Input Current
-
2 mA
5 mA
xRAH-01Hxx0
RoHS Compliant
Rev.A


Similar Part No. - SRAH-01H500

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRAH-01H1A0 BEL-SRAH-01H1A0 Datasheet
167Kb / 7P
   NON-ISOLATED DC/DC CONVERTER 4.5 V-32 V Input 1.2 V-3.3 V/1 A Output
More results

Similar Description - SRAH-01H500

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
logo
Isahaya Electronics Cor...
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
   NON ISOLATED DC-DC CONVERTER
VLA417-133R ISAHAYA-VLA417-133R Datasheet
614Kb / 6P
   NON ISOLATED DC-DC CONVERTER
logo
Bel Fuse Inc.
SLDN-12D1AX BEL-SLDN-12D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
   NON ISOLATED DC-DC CONVERTER
M57184N-715BF ISAHAYA-M57184N-715BF Datasheet
269Kb / 5P
   NON-ISOLATED DC-DC CONVERTER
M57184N-515AF ISAHAYA-M57184N-515AF Datasheet
263Kb / 5P
   NON-ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com