Electronic Components Datasheet Search |
|
SRAH-01F52N Datasheet(PDF) 2 Page - Bel Fuse Inc. |
|
SRAH-01F52N Datasheet(HTML) 2 Page - Bel Fuse Inc. |
2 / 7 page Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input, -5 Vdc/1 A, -5.2 Vdc/1 A, -12 Vdc/0.5 A Outputs Output Specifications Parameter Min Typ Max Notes Output Voltage Set Point VO= -5.0 V VO= -5.2 V VO= -12 V -5.1 V -5.304 V -12.24 V -5.0 V -5.2 V -12 V -4.90 V -5.096 V -11.76 V Vin=5.0 V, lout=half load; with 220 uF/10 V tantalum capacitor & 0.1 uF ceramic capacitor (Vo= -5 V & -5.2 V) or two 47 uF/25 V tantalum capacitors & 0.1uF ceramic capacitor (Vo= -12 V). Line Regulation VO= -5.0 V, -5.2 V VO= -12 V -20 mV -120 mV - - 20 mV 120 mV Load Regulation VO= -5.0 V, -5.2 V VO= -12 V -60 mV -120 mV - - 60 mV 120 mV Regulation Over Temperature (-40 °C to +85 °C) VO= -5.0 V, -5.2 V VO= -12 V -80 mV -240 mV - - 80 mV 240 mV Ripple and Noise (rms) VO= -5.0 V Vo= -5.2 V VO= -12 V - - - 25 mV 25 mV 40 mV 40 mV 50 mV 70 mV Ripple and Noise (pk-pk) VO= -5.0 V Vo= -5.2 V VO= -12 V - - - 90 mV 100 mV 120 mV 120 mV 130 mV 240 mV Test conditions: BW = 0-20 MHz; with 220 uF/10V tantalum capacitor & 0.1 uF ceramic capacitor (Vo= - 5 V & -5.2 V) or two 47 uF/25 V tantalum capacitors & 0.1 uF ceramic capacitor (Vo=- 12 V). Output Current Range VO= -5.0 V, -5.2 V VO= -12 V 0 A 0 A - - 1 A 0.5 A Output DC Current Limit - 200% - Short Circuit Surge Transient - - 0.01 A 2s Turn on Time - 10 mS 30 mS Overshoot at Turn on - 0% 3% Output Capacitance VO= -5.0 V, -5.2 V VO= -12 V 220 uF 100 uF - - 470 uF 150 uF Transient Response Overshoot - 80 mV - 50% ~ 100% Max Load Settling Time - 40 uS - Overshoot - 80 mV - 100% ~ 50% Max Load Settling Time Vo= -5.0 V, -5.2 V - 40 uS - Overshoot - 130 mV - 50% ~ 100% Max Load Settling Time - 50 uS - Overshoot - 130 mV - 100% ~ 50% Max Load Settling Time VO= -12 V - 50 uS - Test Conditions: di/dt = 0.1 A/uS; Vin = 5.0 V; Ta = 25 °C and with 220 uF/10 V Tantalum capacitor & 0.1 uF ceramic capacitor (Vo= -5 V & -5.2 V) or two 47 uF/25 V tantalum capacitors & 0.1 uF ceramic capacitor (Vo=-12 V). Note: All specifications are typical at nominal input, full load at 25 °C unless otherwise stated. |
Similar Part No. - SRAH-01F52N |
|
Similar Description - SRAH-01F52N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |