Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1608YC Datasheet(PDF) 2 Page - Kingbright Corporation

Part No. AP1608YC
Description  1.6X0.8mm SMD CHIP LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AP1608YC Datasheet(HTML) 2 Page - Kingbright Corporation

  AP1608YC Datasheet HTML 1Page - Kingbright Corporation AP1608YC Datasheet HTML 2Page - Kingbright Corporation AP1608YC Datasheet HTML 3Page - Kingbright Corporation AP1608YC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAD0920
REV NO: V.5
DATE: MAR/15/2005
PAGE: 2 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: B.H.LI
ERP: 1203000092
Selection Guide
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Part No.
Dice
Lens Type
Iv (mcd)
@ 20mA
Viewing
Angle
Min.
Typ.
2
θθθθ1/2
AP1608YC
YELLOW (GaAsP/GaP)
WATER CLEAR
2.6
8
120
°
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Parameter
Yellow
Units
Power dissipation
105
mW
DC Forward Current
30
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Yellow
590
nm
IF=20mA
λD
Dominant Wavelength
Yellow
588
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Yellow
35
nm
IF=20mA
C
Capacitance
Yellow
20
pF
VF=0V;f=1MHz
VF
Forward Voltage
Yellow
2.1
2.5
V
IF=20mA
IR
Reverse Current
Yellow
10
uA
VR = 5V


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KP-1608SYC1.6x0.8mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APT1608SURCK1.6X0.8mm SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
AP1608SECK1.6X0.8mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
AP1608MBC1.6X0.8mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APBA3010ESGC3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3528SYCK3.5x2.8 mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APTR3216SYC3.2x1.6mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
AP3216YC3.2x1.6mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APL3015CGCK3.0mmx1.5mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
AA3528SURCK3.5x2.8 mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn