Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIOV-S10K20 Datasheet(PDF) 13 Page - EPCOS

Part # SIOV-S10K20
Description  Leaded Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SIOV-S10K20 Datasheet(HTML) 13 Page - EPCOS

Back Button SIOV-S10K20 Datasheet HTML 8Page - EPCOS SIOV-S10K20 Datasheet HTML 9Page - EPCOS SIOV-S10K20 Datasheet HTML 10Page - EPCOS SIOV-S10K20 Datasheet HTML 11Page - EPCOS SIOV-S10K20 Datasheet HTML 12Page - EPCOS SIOV-S10K20 Datasheet HTML 13Page - EPCOS SIOV-S10K20 Datasheet HTML 14Page - EPCOS SIOV-S10K20 Datasheet HTML 15Page - EPCOS SIOV-S10K20 Datasheet HTML 16Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
171 04/02
SIOV-S05K95
5,0
1,3
7,0
3,4
8,5
30,0
0,6
SIOV-S07K95
5,0
1,3
9,0
3,4
11,0
30,0
0,6
SIOV-S10K95
7,5 (5)
1,5 (1,3)
12,0
4,0 (3,6)
14,5
30,0 (*)
0,8 (0,6)
SIOV-S14K95
7,5
1,5
15,5
4,0
18,5
30,0
0,8
SIOV-S20K95
10,0
1,6
21,5
4,5
25,5
30,0
1,0
SIOV-S05K115
5,0
1,5
7,0
3,6
8,5
30,0
0,6
SIOV-S07K115
5,0
1,5
9,0
3,6
11,0
30,0
0,6
SIOV-S10K115
7,5 (5)
1,6 (1,4)
12,0
4,2 (3,8)
14,5
30,0 (*)
0,8 (0,6)
SIOV-S14K115
7,5
1,7
15,5
4,2
18,5
30,0
0,8
SIOV-S20K115
10,0
1,8
21,5
4,6
25,5
30,0
1,0
SIOV-S05K130
5,0
1,6
7,0
3,6
8,5
30,0
0,6
SIOV-S07K130
5,0
1,6
9,0
3,6
11,0
30,0
0,6
SIOV-S10K130
7,5 (5)
1,8 (1,6)
12,0
4,2 (3,8)
14,5
30,0 (*)
0,8 (0,6)
SIOV-S14K130
7,5
1,9
15,5
4,2
18,5
30,0
0,8
SIOV-S20K130
10,0
2,0
21,5
4,7
25,5
30,0
1,0
SIOV-S05K140
5,0
1,7
7,0
3,7
8,5
30,0
0,6
SIOV-S07K140
5,0
1,7
9,0
3,7
11,0
30,0
0,6
SIOV-S10K140
7,5 (5)
1,9 (1,7)
12,0
4,3 (3,9)
14,5
30,0 (*)
0,8 (0,6)
SIOV-S14K140
7,5
2,0
15,5
4,3
18,5
30,0
0,8
SIOV-S20K140
10,0
2,1
21,5
4,8
25,5
30,0
1,0
SIOV-S05K150
5,0
1,8
7,0
3,8
8,5
30,0
0,6
SIOV-S07K150
5,0
1,8
9,0
3,8
11,0
30,0
0,6
SIOV-S10K150
7,5 (5)
2,0 (1,8)
12,0
4,4 (4,0)
14,5
30,0 (*)
0,8 (0,6)
SIOV-S14K150
7,5
2,1
15,5
4,4
18,5
30,0
0,8
SIOV-S20K150
10,0
2,2
21,5
4,9
25,5
30,0
1,0
SIOV-S05K175
5,0
2,0
7,0
3,9
8,5
30,0
0,6
SIOV-S07K175
5,0
2,0
9,0
4,0
11,0
30,0
0,6
SIOV-S10K175
7,5 (5)
2,2 (2,0)
12,0
4,6 (4,2)
14,5
30,0 (*)
0,8 (0,6)
SIOV-S14K175
7,5
2,2
15,5
4,6
18,5
30,0
0,8
SIOV-S20K175
10,0
2,3
21,5
5,0
25,5
30,0
1,0
SIOV-S05K230
5,0
1,8
7,0
4,0
8,5
30,0
0,6
SIOV-S07K230
5,0
1,8
9,0
4,0
11,0
30,0
0,6
SIOV-S10K230
7,5 (5)
2,0 (2,3)
12,0
4,7 (4,3)
14,5
30,0 (*)
0,8 (0,6)
SIOV-S14K230
7,5
2,0
15,5
4,7
18,5
30,0
0,8
SIOV-S20K230
10,0
2,1
21,5
5,1
25,5
30,0
1,0
Dimensions in ( ) apply to the taped version with 5 mm lead spacing. For (*) see chapter “Taping”, page 206 ff.
Dimensions
Type
± 1
mm
a
± 1
mm
bmax
mm
smax
mm
hmax
mm
Imin
mm
d
± 0,05
mm
StandarD Series
Leaded Varistors


Similar Part No. - SIOV-S10K20

ManufacturerPart #DatasheetDescription
logo
EPCOS
SIOV-S10K20 EPCOS-SIOV-S10K20 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
SIOV-S10K20G5 EPCOS-SIOV-S10K20G5 Datasheet
226Kb / 16P
   Leaded Varistors Taping
SIOV-S10K20G5S5 EPCOS-SIOV-S10K20G5S5 Datasheet
226Kb / 16P
   Leaded Varistors Taping
SIOV-S10K20GS4R5 EPCOS-SIOV-S10K20GS4R5 Datasheet
226Kb / 16P
   Leaded Varistors Taping
More results

Similar Description - SIOV-S10K20

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com