Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRBC-16F2BL Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # SRBC-16F2BL
Description  NON-ISOLATED DC/DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRBC-16F2BL Datasheet(HTML) 4 Page - Bel Fuse Inc.

  SRBC-16F2BL Datasheet HTML 1Page - Bel Fuse Inc. SRBC-16F2BL Datasheet HTML 2Page - Bel Fuse Inc. SRBC-16F2BL Datasheet HTML 3Page - Bel Fuse Inc. SRBC-16F2BL Datasheet HTML 4Page - Bel Fuse Inc. SRBC-16F2BL Datasheet HTML 5Page - Bel Fuse Inc. SRBC-16F2BL Datasheet HTML 6Page - Bel Fuse Inc. SRBC-16F2BL Datasheet HTML 7Page - Bel Fuse Inc. SRBC-16F2BL Datasheet HTML 8Page - Bel Fuse Inc. SRBC-16F2BL Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input
0.75 Vdc - 3.63 Vdc/16 A Output
Remote Enable Specifications
Output Trim Equations
Equation for calculating the trim resistor (in kΩ) given the desired adjusted voltage (Vadj) is shown below. The
Trim Up resistor should be connected between the Trim pin and Ground.
11
.
5
7525
.
0
07
.
21
=
adj
trim
V
R
Equation for calculating the trim voltage (in V) given the desired adjusted voltage (Vadj) is shown below. The
Trim Up voltage should be connected between the Trim pin and Ground.
)
7525
.
0
(
1698
.
0
7
.
0
×
=
adj
trim
V
V
Rtrim
Module
Vout
GND
Trim
Vtrim
Module
Vout
GND
Trim
The SRBC-16F2BL modules feature an enable
pin with negative logic. If not using the enable
pin, leave the pin open (the module will be on).
During logic_high, the module is turned off,
during logic_low, the module is turned on. It inner
circuit impedance is showed as figure.
The SRBC-16F2B0 modules feature an enable
pin with Positive logic. If not using the enable pin,
leave the pin open (the module will be on).
During logic_high, the module is turned on,
during logic_low, the module is turned off. It inner
circuit impedance is showed as figure.
SRBC-16F2BL
SRBC-16F2B0


Similar Part No. - SRBC-16F2BL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBC-16F2A BEL-SRBC-16F2A Datasheet
330Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS
SRBC-16F2A0 BEL-SRBC-16F2A0 Datasheet
209Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/16 A Output
SRBC-16F2A0 BEL-SRBC-16F2A0 Datasheet
330Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS
SRBC-16F2AL BEL-SRBC-16F2AL Datasheet
209Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/16 A Output
SRBC-16F2AL BEL-SRBC-16F2AL Datasheet
330Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRBC-16F2BL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com