Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APA1606SECK Datasheet(PDF) 3 Page - Kingbright Corporation

Part No. APA1606SECK
Description  1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APA1606SECK Datasheet(HTML) 3 Page - Kingbright Corporation

  APA1606SECK Datasheet HTML 1Page - Kingbright Corporation APA1606SECK Datasheet HTML 2Page - Kingbright Corporation APA1606SECK Datasheet HTML 3Page - Kingbright Corporation APA1606SECK Datasheet HTML 4Page - Kingbright Corporation APA1606SECK Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: DSAD5236
REV NO: V.6
DATE: APR/27/2007
PAGE: 3 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203000471
Super Bright Orange
APA1606SECK


Similar Part No. - APA1606SECK

ManufacturerPart No.DatasheetDescription
Kingbright Corporation
Kingbright Corporation
APA1606SF4C-P22 KINGBRIGHT-APA1606SF4C-P22 Datasheet
610Kb / 4P
   1.6 x 0.6 mm Right Angle Infrared Emitting Diode
APA1606SGC KINGBRIGHT-APA1606SGC Datasheet
269Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606SURCK KINGBRIGHT-APA1606SURCK Datasheet
275Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606SYCK KINGBRIGHT-APA1606SYCK Datasheet
275Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
More results

Similar Description - APA1606SECK

ManufacturerPart No.DatasheetDescription
Kingbright Corporation
Kingbright Corporation
APA1606RWF KINGBRIGHT-APA1606RWF Datasheet
391Kb / 7P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
SunLED Corporation
SunLED Corporation
ZM2BB87W SUNLED-ZM2BB87W Datasheet
191Kb / 4P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
Kingbright Corporation
Kingbright Corporation
APA1606RWF-A KINGBRIGHT-APA1606RWF-A Datasheet
386Kb / 7P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
SunLED Corporation
SunLED Corporation
ZVG87W SUNLED-ZVG87W Datasheet
189Kb / 4P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
Kingbright Corporation
Kingbright Corporation
APA1606CGCK KINGBRIGHT-APA1606CGCK Datasheet
274Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606MGC KINGBRIGHT-APA1606MGC Datasheet
289Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606SURCK KINGBRIGHT-APA1606SURCK Datasheet
275Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606PBC-Z KINGBRIGHT-APA1606PBC-Z Datasheet
294Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606VGC KINGBRIGHT-APA1606VGC Datasheet
282Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606QWF-D KINGBRIGHT-APA1606QWF-D Datasheet
246Kb / 6P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz