Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRBC-10F2AL Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SRBC-10F2AL
Description  NON-ISOLATED DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRBC-10F2AL Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SRBC-10F2AL Datasheet HTML 1Page - Bel Fuse Inc. SRBC-10F2AL Datasheet HTML 2Page - Bel Fuse Inc. SRBC-10F2AL Datasheet HTML 3Page - Bel Fuse Inc. SRBC-10F2AL Datasheet HTML 4Page - Bel Fuse Inc. SRBC-10F2AL Datasheet HTML 5Page - Bel Fuse Inc. SRBC-10F2AL Datasheet HTML 6Page - Bel Fuse Inc. SRBC-10F2AL Datasheet HTML 7Page - Bel Fuse Inc. SRBC-10F2AL Datasheet HTML 8Page - Bel Fuse Inc. SRBC-10F2AL Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input
0.75 Vdc - 3.63 Vdc/10 A Output
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
2.4 V
-
5.5 V
Vo, set
Vin-0.5 V
Input Current (full load)
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=0.75 V
-
-
-
-
-
-
7.0 A
5.5 A
4.0 A
3.5 A
3.0 A
2.0 A
8.0 A
9.5 A
9.0 A
7.5 A
6.0 A
4.0 A
Input Current (no load)
-
80 mA
-
Remote Off Input Current
-
15 mA
-
Input Reflected Ripple Current (pk-pk)
-
140 mA
-
Input Reflected Ripple Current (rms)
-
40 mA
-
Tested with two 100 uF/10 V tantalum
input capacitors & simulated source
impedance of 1uH, 5 Hz to 20 MHz.
I
2t Inrush Current Transient
-
-
0.2 A
2s
Turn-on Voltage Threshold
-
2.2 V
-
Turn-off Voltage Threshold
-
2.0 V
-
Note
: All specifications are typical at 25 °C unless otherwise stated.
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
-2% Vo,set
-
2% Vo,set
Vin=5 V, lo=lomax full load
Output Voltage Set Point
-3% Vo,set
-
3% Vo,set
Over all operating input
voltages, resistive loads and
temperature conditions
Load Regulation
-
0.4% Vo,set
-
Io=Iomin to Iomax
Line Regulation
-
0.3% Vo,set
-
Vin=Vinmin to Vinmax
Regulation Over Temperature
(-40
°C to +85 °C)
-
0.5% Vo,set
-
Tref=Tamin to Tamax
Output Current
0 A
-
10 A
Current Limit Threshold
15 A
-
27 A
Short Circuit Surge Transient
-
-
1.5 A
2s
Ripple and Noise (pk-pk)
-
25 mV
50 mV
Ripple and Noise (rms)
-
8 mV
15 mV
Tested with 0-20 MHz, 10 uF/
16 V tantalum capacitor &
1 uF/10 V TDK ceramic
capacitor at the output
Turn on Time
-
4 mS
8 mS
Overshoot at Turn on
-
0% Vo,set
3% Vo,set
Output Capacitance
ESR
≥ 1m ohm
ESR
≥ 10m ohm
0 uF
0 uF
-
-
1000 uF
4700 uF
Transient Response
50% ~ 100% Max Load
-
130 mV
-
Settling Time
-
50 uS
-
100% ~ 50% Max Load
-
150 mV
-
Settling Time
VO=3.3 V
-
50 uS
-
di/dt=2.5 A/uS; Vin=5 V; and
with two 150 uF/16 V tantalum
capacitors & 1 uF/10 V ceramic
capacitor at the output


Similar Part No. - SRBC-10F2AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBC-10F1A0 BEL-SRBC-10F1A0 Datasheet
350Kb / 12P
   NON-ISOLATED DC/DC CONVERTERS
SRBC-10F1AL BEL-SRBC-10F1AL Datasheet
350Kb / 12P
   NON-ISOLATED DC/DC CONVERTERS
SRBC-10F1AX BEL-SRBC-10F1AX Datasheet
350Kb / 12P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRBC-10F2AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com