Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7KS-25D Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S7KS-25D
Description  NON-ISOLATED DC/DC CONVERTERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7KS-25D Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S7KS-25D Datasheet HTML 1Page - Bel Fuse Inc. S7KS-25D Datasheet HTML 2Page - Bel Fuse Inc. S7KS-25D Datasheet HTML 3Page - Bel Fuse Inc. S7KS-25D Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3 –15V Input / Programmable Output / 25A
Compact surface mount package
Ultra Wide input range (3 – 15V)
6 bit digital voltage programming (0.7 to 5.4V)
25A of output current
Remote sense
Remote On/Off
Power Good
Description
The S7KS Keystone Series from Bel is a non-isolated step down DC/DC converters providing up to 25A of
output current in a compact surface mount package with the capability of paralleling and autophasing to provide
up to 200A of output current. This product is designed to operate from any source voltage from 3 to 15V and
provide any output voltage from 0.7V to 5.4V with 6-bit digital programming and 50mV resolution. This DC/DC
converter requires no external components to operate and provides the ultimate in flexibility. It also greatly
simplifies inventory management since a single part can be configured to service a very broad range of
applications.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
On/Off Logic
Part Number
0.7 – 5.4V
3 - 15V
25A
Active High
S7KS-25D1P0
0.7 – 5.4V
3 - 15V
25A
Active Low
S7KS-25D1PL
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage Range
3.0 VDC
15 VDC
Input Current (full load)
18A
Bias Voltage
4.8 VDC
5.2 VDC
Input Current (bias supply)
100mA
200mA
Reflected Ripple Current
150mA rms
With 100uF, 30mOhm
capacitor and 500nH of input
inductance.
Output Specifications
Parameter
Min
Typ
Max
Notes
Voltage Programmability
0.7V
5.4V
Output Current
0A
25A
Set Point Accuracy
2%
Regulation
Line Regulation
Load Regulation
Temperature
10mV
35mV
40mV
Ripple and Noise
pk-pk
rms
50mV
20mV
0 to 20MHz Bandwidth
Full load with external 680uF
oscon capacitor on output.
Turn on Time
8mS
10mS
From Enable
Transient Response
Deviation
Settling Time
150mV
280uS
di/dt = 5A/uS
Load step =50% of max load.
with external 680uF oscon
S7KS- 25D (Keystone) PRELIMINARY
Analog Trim
Single wire current sharing
Autophasing


Similar Description - S7KS-25D

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com