Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # MRF
Description  Fast Acting Radial Lead Micro Fuse Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MRF Datasheet(HTML) 2 Page - Bel Fuse Inc.

  MRF Datasheet HTML 1Page - Bel Fuse Inc. MRF Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CURRENT IN AMPERES
NOTE - see important information under “User Guide”on P.08
Corporate Office
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K
Tel: 44-1772-556601
Fax: 44-1772-888366
MRFC1004 (O02)
MRF - TIME CURRENT CHARACTERISTIC CURVE
Type MRF
Fast Acting Radial Lead Micro Fuse Series
24
0.01
0.1
1
10
100
1000
10000
0.01
0.1
1
10
100
RoHS Compliant


Similar Part No. - MRF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MRF-190 ETC2-MRF-190 Datasheet
398Kb / 1P
   ROOF MOUNT VENTILATING
logo
Mechatronics, Inc.
MRF-190 MECHATRONICS-MRF-190 Datasheet
398Kb / 1P
   ROOF MOUNT VENTILATING
logo
List of Unclassifed Man...
MRF-220 ETC2-MRF-220 Datasheet
399Kb / 1P
   ROOF MOUNT VENTILATING
logo
Mechatronics, Inc.
MRF-220 MECHATRONICS-MRF-220 Datasheet
399Kb / 1P
   ROOF MOUNT VENTILATING
logo
Hirose Electric
MRF01-J-178 HIROSE-MRF01-J-178 Datasheet
106Kb / 4P
   Push-On Coaxial Connectors (PC Card Type 2 Mountable)
More results

Similar Description - MRF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MRF BEL-MRF_13 Datasheet
1Mb / 4P
   TYPE MRF FAST ACTING RADIAL LEAD MICRO FUSE SERIES
0698Q BEL-0698Q Datasheet
2Mb / 4P
   Quick Acting Radial Lead Micro Fuse Series
0698Q1500-XX BEL-0698Q1500-XX Datasheet
674Kb / 4P
   Quick Acting Radial Lead Micro Fuse Series
logo
Littelfuse
LTF395-750 LITTELFUSE-LTF395-750 Datasheet
637Kb / 3P
   Radial Lead Fuses TE5짰 > Fast Acting Fuse > 395 Series
Revised:BO.11/13/20
logo
Bel Fuse Inc.
0ADBC BEL-0ADBC Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
0AKH BEL-0AKH Datasheet
520Kb / 3P
   Fast-Acting Fuse Series
Rev. 0AKH Dec29 2020
0697-3150-02 BEL-0697-3150-02 Datasheet
1Mb / 4P
   TIME LAG RADIAL LEAD MICRO FUSE SERIES
0697W BEL-0697W Datasheet
2Mb / 4P
   Time Lag Radial Lead Micro Fuse Series
RST BEL-RST Datasheet
98Kb / 2P
   Time Lag Radial Lead Micro Fuse Series
0ADAC BEL-0ADAC Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com