Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB-302MP Datasheet(PDF) 2 Page - Rohm

Part # LB-302MP
Description  High efficiency, two-digit numeric displays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LB-302MP Datasheet(HTML) 2 Page - Rohm

  LB-302MP Datasheet HTML 1Page - Rohm LB-302MP Datasheet HTML 2Page - Rohm LB-302MP Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LB-302FP Series
LED displays
!
!
!
!Internal circuit schematic
(example of common cathode)
3
a
9
b
8
c
6
d
7
e
4
f
1
g
2
D.P
10 Dig.1
5 Dig.2
Pin No.
Pin No.
!
!
!
!Absolute maximum ratings
(Ta = 25
°C)
Parameter
Symbol
Red
Unit
LB-302VF / VP
LB-302DF / DP
LB-302MF / MP
800
50
15
60∗
5
mW
mW
mA
mA
V
°C
°C
PD
PD / seg
IF
IFP
VR
Topr
Tstg
Power dissipation
Power dissipation
Forward current
Peak forward current
Reverse voltage
Operating temperature
Storage temperature
800
50
15
60∗
5
Orange
Green
960
60
20
60∗
5
−25~+75
−30~+85
Pulse width 1ms duty 1 / 5
!
!
!
! Electrical and optical characteristics
(Ta = 25
°C)
Parameter
Symbol
Red
Orange
Green
Unit
Conditions
Min.
Typ. Max. Min.
Typ. Max.
2.8
V
µA
nm
nm
2.0
2.8
2.0
650
40
100
610
40
100
−−
−−
−−
Min.
Typ. Max.
2.8
2.1
563
40
100
−−
IF
= 10mA
VR
= 5V
IF
= 10mA
IF
= 10mA
VF
IR
λP
∆λ
Forward voltage
Reverse current
Peak wavelength
Spectral line half width
Not designed for radiation resistance.
!
!
!
! Luminous intensity
Unit
Min.
Typ.
Max.
Color
λP
Type
Red
Orange
Green
650
610
563
LB-302VF / VP
LB-302DF / DP
LB-302MF / MP
2.2
2.2
6.3
6.3
mcd
mcd
2.2
6.3
mcd
Note : Measured at IF = 10mA


Similar Part No. - LB-302MP

ManufacturerPart #DatasheetDescription
logo
Rohm
LB-302MP ROHM-LB-302MP Datasheet
944Kb / 4P
   High efficiency, two-digit numeric displays
LB-302MP ROHM-LB-302MP Datasheet
395Kb / 5P
   High efficiency, two-digit numeric displays
More results

Similar Description - LB-302MP

ManufacturerPart #DatasheetDescription
logo
Rohm
LB-302FP ROHM-LB-302FP Datasheet
58Kb / 2P
   High efficiency, two-digit numeric displays
LB-502DN ROHM-LB-502DN_17 Datasheet
350Kb / 5P
   High efficiency, two-digit numeric displays
LB-502DN ROHM-LB-502DN Datasheet
61Kb / 2P
   High efficiency, two-digit numeric displays
LB-602VK2 ROHM-LB-602VK2 Datasheet
62Kb / 2P
   High efficiency, two-digit numeric displays
LB-302FP ROHM-LB-302FP_11 Datasheet
944Kb / 4P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_1 Datasheet
51Kb / 3P
   High efficiency, two-digit numeric displays
LB-202BL ROHM-LB-202BL Datasheet
60Kb / 2P
   High efficiency, two-digit numeric displays
LB-402FP ROHM-LB-402FP Datasheet
58Kb / 2P
   High efficiency, two-digit numeric displays
LB-602AK2 ROHM-LB-602AK2 Datasheet
60Kb / 2P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_11 Datasheet
945Kb / 4P
   High efficiency, two-digit numeric displays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com