Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FU-650SDF-FL49M14 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # FU-650SDF-FL49M14
Description  1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-650SDF-FL49M14 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  FU-650SDF-FL49M14 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-650SDF-FL49M14 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-650SDF-FL49M14 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-650SDF-FL49M14 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-650SDF-FL49M14 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MAY06
(3/5)
Mitsubishi Electric Corporation reserves the right to make changes to the products or information contained herein
without notice. No liability is assumed as a result of their use or application.
MITSUBISHI CONFIDENTIAL
MITSUBISHI (OPTICAL DEVICES)
FU-650SDF-Fx49Mxx
1.55
μm DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
ORDERING INFORMATION
Wavelength (typ)
1
1470nm
2
1490nm
3
1510nm
4
1530nm
5
1550nm
6
1570nm
7
1590nm
8
1610nm
Flange type
1
Horizontal flange
3
Without flange
Connector
Return loss
W
SC/PC
40dB min
Standard
L
SC/APC
60dB min
Optional
FU - 650SDF – F _ 49M _ _


Similar Part No. - FU-650SDF-FL49M14

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-650SDF-FW1M12 MITSUBISHI-FU-650SDF-FW1M12 Datasheet
82Kb / 5P
   1.5 關m CWDM DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-FW1M13 MITSUBISHI-FU-650SDF-FW1M13 Datasheet
82Kb / 5P
   1.5 關m CWDM DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-FW1M14 MITSUBISHI-FU-650SDF-FW1M14 Datasheet
82Kb / 5P
   1.5 關m CWDM DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-FW1M15 MITSUBISHI-FU-650SDF-FW1M15 Datasheet
82Kb / 5P
   1.5 關m CWDM DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-FW1M16 MITSUBISHI-FU-650SDF-FW1M16 Datasheet
82Kb / 5P
   1.5 關m CWDM DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results

Similar Description - FU-650SDF-FL49M14

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-68SDF-X8YYMZZF MITSUBISHI-FU-68SDF-X8YYMZZF Datasheet
149Kb / 6P
   1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-FW41MX MITSUBISHI-FU-650SDF-FW41MX Datasheet
82Kb / 4P
   1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X1M2F MITSUBISHI-FU-653SEA-X1M2F Datasheet
88Kb / 4P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X2MYYF MITSUBISHI-FU-653SEA-X2MYYF Datasheet
134Kb / 5P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X1M6F MITSUBISHI-FU-653SEA-X1M6F Datasheet
110Kb / 4P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-X9YYMZZF MITSUBISHI-FU-68SDF-X9YYMZZF Datasheet
171Kb / 6P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-XW5M1 MITSUBISHI-FU-650SDF-XW5M1 Datasheet
82Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-636SDF-F1M1 MITSUBISHI-FU-636SDF-F1M1 Datasheet
45Kb / 3P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-627SDF MITSUBISHI-FU-627SDF Datasheet
48Kb / 3P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-627SDF-FX1 MITSUBISHI-FU-627SDF-FX1 Datasheet
66Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com