Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GCU08BA-130 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. GCU08BA-130
Description  MITSUBISHI GCT (Gate Commutated Turn-off) THYRISTOR UNIT
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

GCU08BA-130 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Mar. 2004
Fig. 1 Turn-on and Turn-off waveform
Fig. 2 Turn-on test circuit
Fig. 3 Turn-off test circuit
(With clamp circuit)
Fig. 5 Turn-off and Reverse recovery test circuit
Fig. 4 Reverse recovery waveform
MITSUBISHI GCT (Gate Commutated Turn-off) THYRISTOR UNIT
GCU08BA-130
HIGH POWER INVERTER USE
PRESS PACK TYPE
td ; 0VRG ~ 0.9VD
tgt ; 0VRG ~ 0.1VD
ts ; 0VRG ~ 0.9IT
diG/dt ; 0.1IGM ~ 0.9IGM
tw ; 0VRG ~ 0.9IGM
diGQ/dt ; 0.1IRG ~ 0.9IRG
tfd ; 50% on signal ~ 0VRG
trd ; 50% off signal ~ 0VRG
Integration area for Eoff ; 5%VD ~ until 100
µs
VD
VRG
IGM
ts
VRG
IT
VD
diGQ/dt
diG/dt
IGQ
IG
tgt
td
tfd
trd
Control signal
tw
t(Eoff) = 100
µs
DUT
L
VD
Rs
Cs
Rc
L (load)
FWDi
DUT
CDi
Cc
VD
Lc
ANL
0
90%IRM
VRM
trr
IT
50%IRM
VR
QRR = (trr
×IRM)/2
Integration area for Erec ; 0IT ~ until 100
µs
[]
di/dt (0 ~ 50%IRM)
t(Erec) = 100
µs
50%IT
Cs
Cs
L (load)
DUT
DUT
VD
Rs
Rs
ANL


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn