Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C61157-A7-A46 Datasheet(PDF) 3 Page - EPCOS

Part # C61157-A7-A46
Description  Low-Loss Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C61157-A7-A46 Datasheet(HTML) 3 Page - EPCOS

  C61157-A7-A46 Datasheet HTML 1Page - EPCOS C61157-A7-A46 Datasheet HTML 2Page - EPCOS C61157-A7-A46 Datasheet HTML 3Page - EPCOS C61157-A7-A46 Datasheet HTML 4Page - EPCOS C61157-A7-A46 Datasheet HTML 5Page - EPCOS C61157-A7-A46 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Aug 02, 2002
SAW Components
B1608
1472,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= –20 ˚C ... +85 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
1472,0
MHz
Maximum insertion attenuation
α
max
1452,00 ...1492,00 MHz
3,8
4,8
dB
Amplitude ripple in passband (p-p)
∆α
1452,00 ...1492,00 MHz
1,0
1,5
dB
Attenuation
α
500,00 ...1262,00 MHz
34,0
38,0
dB
1262,00 ...1382,00 MHz
34,0
38,0
dB
1382,00 ...1398,00 MHz
25,0
30,0
dB
1398,00 ...1414,00 MHz
18,0
22,0
dB
1547,00 ...1580,00 MHz
25,0
35,0
dB
1580,00 ...2200,00 MHz
33,0
40,0
dB
Group delay ripple (p-p)
∆τ
Aperture 1 MHz
1452,00 ...1492,00 MHz
—10
ns


Similar Part No. - C61157-A7-A46

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C61157-A7-A46 SIEMENS-C61157-A7-A46 Datasheet
96Kb / 7P
   SAW Components Low-Loss Duplexer for Mobile Communication
logo
EPCOS
C61157-A7-A46 EPCOS-C61157-A7-A46 Datasheet
100Kb / 8P
   Low-Loss Filter for Digital Television
More results

Similar Description - C61157-A7-A46

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3521 EPCOS-B3521 Datasheet
72Kb / 6P
   Low Loss Filter
logo
List of Unclassifed Man...
B3562 ETC1-B3562 Datasheet
73Kb / 6P
   LOW-LOSS FILTER
logo
EPCOS
B3677 EPCOS-B3677 Datasheet
103Kb / 7P
   Low-Loss Filter
B3574 EPCOS-B3574_1 Datasheet
78Kb / 6P
   Low Loss Filter
B3883 EPCOS-B3883 Datasheet
70Kb / 6P
   Low-Loss Filter
B9016 EPCOS-B9016 Datasheet
64Kb / 5P
   Low-Loss Filter
logo
List of Unclassifed Man...
B3844 ETC1-B3844 Datasheet
61Kb / 5P
   LOW-LOSS FILTER
B7745 ETC1-B7745 Datasheet
54Kb / 7P
   Low-Loss Filter
logo
EPCOS
B39710B3625U210 EPCOS-B39710B3625U210 Datasheet
68Kb / 6P
   Low-Loss Filter
Apr 04, 2001
B3655 EPCOS-B3655 Datasheet
72Kb / 6P
   Low-Loss Filter
B3691 EPCOS-B3691 Datasheet
63Kb / 7P
   Low-Loss Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com