Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTA143 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PDTA143
Description  PNP resistor-equipped transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA143 Datasheet(HTML) 3 Page - NXP Semiconductors

  PDTA143 Datasheet HTML 1Page - NXP Semiconductors PDTA143 Datasheet HTML 2Page - NXP Semiconductors PDTA143 Datasheet HTML 3Page - NXP Semiconductors PDTA143 Datasheet HTML 4Page - NXP Semiconductors PDTA143 Datasheet HTML 5Page - NXP Semiconductors PDTA143 Datasheet HTML 6Page - NXP Semiconductors PDTA143 Datasheet HTML 7Page - NXP Semiconductors PDTA143 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 20
3
Philips Semiconductors
Product specification
PNP resistor-equipped transistor
PDTA143XE
THERMAL CHARACTERISTICS
Note
1. Refer to SC-75 (SOT416) standard mounting conditions.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
833
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −50 V
−−−100
nA
ICEO
collector cut-off current
IB = 0; VCE = −30 V
−−−1
µA
IB = 0; VCE = −30 V; Tj = 150 °C
−−−50
µA
IEBO
emitter cut-off current
IC = 0; VEB = −5V
−−−0.6
mA
hFE
DC current gain
IC = −10 mA; VCE = −5V
50
−−
VCEsat
collector-emitter saturation voltage
IC = −10 mA; IB = −0.5 mA
−−−150
mV
Vi(off)
input-off voltage
IC = −100 µA; VCE = −5V
−−−0.3
V
Vi(on)
input-on voltage
IC = −20 mA; VCE = −0.3 V
−2.5
−−
V
R1
input resistor
3.3
4.7
6.1
k
resistor ratio
1.7
2.1
2.6
Cc
collector capacitance
IE =ie = 0; VCB = −10 V; f = 1 MHz
−−
3pF
R2
R1
--------


Similar Part No. - PDTA143

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143 PHILIPS-PDTA143 Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
PDTA143 PHILIPS-PDTA143 Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 May 18
PDTA143 PHILIPS-PDTA143 Datasheet
69Kb / 8P
   PNP resistor-equipped transistor
1998 May 18
PDTA143 PHILIPS-PDTA143 Datasheet
50Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 20
PDTA143 PHILIPS-PDTA143 Datasheet
50Kb / 8P
   PNP resistor-equipped transistor
1999 May 25
More results

Similar Description - PDTA143

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114EK PHILIPS-PDTA114EK Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 May 19
PDTA114TE PHILIPS-PDTA114TE Datasheet
52Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
PDTA114TT PHILIPS-PDTA114TT Datasheet
46Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 13
PDTA124XE PHILIPS-PDTA124XE Datasheet
50Kb / 8P
   PNP resistor-equipped transistor
1999 May 21
PDTA143EE PHILIPS-PDTA143EE Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
PDTA143ZT PHILIPS-PDTA143ZT Datasheet
50Kb / 8P
   PNP resistor-equipped transistor
1999 May 25
PDTA144EE PHILIPS-PDTA144EE Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
PDTA124ET PHILIPS-PDTA124ET Datasheet
56Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 13
PDTA124EU PHILIPS-PDTA124EU Datasheet
53Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 13
PDTA144EU PHILIPS-PDTA144EU Datasheet
52Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 15
PDTA114EEF PHILIPS-PDTA114EEF Datasheet
54Kb / 8P
   PNP resistor-equipped transistor
1999 May 21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com