Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5TT12 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 5TT12
Description  Slow Blow Fuse Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

5TT12 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  5TT12 Datasheet HTML 1Page - Bel Fuse Inc. 5TT12 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CURRENT IN AMPERES
NOTE - see important information under “User Guide”on P.08
Corporate Office
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K
Tel: 44-1772-556601
Fax: 44-1772-888366
5TTC1005
E5TTC1005A1
5TT / 5TTP - TIME CURRENT CHARACTERISTIC CURVE
0.01
0.1
1
10
100
1000
10000
0.01
0.1
1
10
100
1000
Type 5TT / 5TTP
Slow Blow Fuse Series
5 x 20mm Glass Tube
58
RoHS Compliant
W5TTC0405-A


Similar Part No. - 5TT12

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5TT125-R BEL-5TT125-R Datasheet
1Mb / 4P
   SLOW BLOW FUSE SERIES
More results

Similar Description - 5TT12

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0602-0061-33 BEL-0602-0061-33 Datasheet
93Kb / 2P
   Slow Blow Fuse Series
3SB BEL-3SB_13 Datasheet
1Mb / 4P
   Slow Blow Fuse Series
GSA BEL-GSA_17 Datasheet
1Mb / 4P
   SLOW BLOW FUSE SERIES
5TT BEL-5TT_16 Datasheet
1Mb / 4P
   SLOW BLOW FUSE SERIES
GSA63 BEL-GSA63 Datasheet
90Kb / 2P
   Slow Blow Fuse Series
3SB BEL-3SB Datasheet
104Kb / 2P
   Slow Blow Fuse Series
5TT BEL-5TT_13 Datasheet
1Mb / 4P
   Slow Blow Fuse Series
GSA BEL-GSA_13 Datasheet
1Mb / 4P
   Slow Blow Fuse Series
0606-0062-33 BEL-0606-0062-33 Datasheet
91Kb / 2P
   Slow Blow Fuse Series
GSA BEL-GSA Datasheet
429Kb / 2P
   Slow Blow Fuse Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com