Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S07K150 Datasheet(PDF) 8 Page - EPCOS

Part # S07K150
Description  Leaded Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S07K150 Datasheet(HTML) 8 Page - EPCOS

Back Button S07K150 Datasheet HTML 4Page - EPCOS S07K150 Datasheet HTML 5Page - EPCOS S07K150 Datasheet HTML 6Page - EPCOS S07K150 Datasheet HTML 7Page - EPCOS S07K150 Datasheet HTML 8Page - EPCOS S07K150 Datasheet HTML 9Page - EPCOS S07K150 Datasheet HTML 10Page - EPCOS S07K150 Datasheet HTML 11Page - EPCOS S07K150 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
166 04/02
S05K275
B72205S0271K101
275
350
400
8,6
0,10
S07K275
B72207S0271K101
275
350
1200
21,0
0,25
S10K275
B72210S0271K101
275
350
2500
43,0
0,40
S14K275
B72214S0271K101
275
350
4500
71,0
0,60
S20K275
B72220S0271K101
275
350
8000
151,0
1,00
S05K300
B72205S0301K101
300
385
400
9,6
0,10
S07K300
B72207S0301K101
300
385
1200
23,0
0,25
S10K300
B72210S0301K101
300
385
2500
47,0
0,40
S14K300
B72214S0301K101
300
385
4500
76,0
0,60
S20K300
B72220S0301K101
300
385
8000
173,0
1,00
S10K320
B72210S0321K101
320
420
2500
50,0
0,40
S14K320
B72214S0321K101
320
420
4500
84,0
0,60
S20K320
B72220S0321K101
320
420
8000
184,0
1,00
S05K385
B72205S0381K101
385
505
400
13,0
0,10
S07K385
B72207S0381K101
385
505
1200
28,0
0,25
S10K385
B72210S0381K101
385
505
2500
40,0
0,40
S14K385
B72214S0381K101
385
505
4500
80,0
0,60
S20K385
B72220S0381K101
385
505
8000
150,0
1,00
S05K420
B72205S0421K101
420
560
400
14,0
0,10
S07K420
B72207S0421K101
420
560
1200
32,0
0,25
S10K420
B72210S0421K101
420
560
2500
45,0
0,40
S14K420
B72214S0421K101
420
560
4500
90,0
0,60
S20K420
B72220S0421K101
420
560
8000
175,0
1,00
S05K440
B72205S0441K101
440
585
400
16,0
0,10
S07K440
B72207S0441K101
440
585
1200
34,0
0,25
S10K440
B72210S0441K101
440
585
2500
47,0
0,40
S14K440
B72214S0441K101
440
585
4500
95,0
0,60
S20K440
B72220S0441K101
440
585
8000
185,0
1,00
S05K460
B72205S0461K101
460
615
400
18,0
0,10
S07K460
B72207S0461K101
460
615
1200
36,0
0,25
S10K460
B72210S0461K101
460
615
2500
50,0
0,40
S14K460
B72214S0461K101
460
615
4500
100,0
0,60
S20K460
B72220S0461K101
460
615
8000
195,0
1,00
Maximum ratings (TA = 85 °C)
Type
(untaped)
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
StandarD Series
Leaded Varistors


Similar Part No. - S07K150

ManufacturerPart #DatasheetDescription
logo
EPCOS
S07K150E2 EPCOS-S07K150E2 Datasheet
113Kb / 11P
   Leaded Varistors
logo
TDK Electronics
S07K150K11 TDK-S07K150K11 Datasheet
770Kb / 22P
   SIOV metal oxide varistors
September 2020 Version: 2
More results

Similar Description - S07K150

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com