Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT540 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ABT540
Description  Octal buffer, inverting (3-State)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT540 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABT540 Datasheet HTML 1Page - NXP Semiconductors 74ABT540 Datasheet HTML 2Page - NXP Semiconductors 74ABT540 Datasheet HTML 3Page - NXP Semiconductors 74ABT540 Datasheet HTML 4Page - NXP Semiconductors 74ABT540 Datasheet HTML 5Page - NXP Semiconductors 74ABT540 Datasheet HTML 6Page - NXP Semiconductors 74ABT540 Datasheet HTML 7Page - NXP Semiconductors 74ABT540 Datasheet HTML 8Page - NXP Semiconductors 74ABT540 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ABT540
Octal buffer, inverting (3-State)
2
1998 Jan 16
853–1609 18864
FEATURES
Octal bus interface
3-State buffers
Live insertion/extraction permitted
Efficient pinout to facilitate PC board layout
Output capability: +64mA/–32mA
Latch-up protection exceeds 500mA per Jedec JC40.2 Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
Power-up 3-State
DESCRIPTION
The 74ABT540 high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The 74ABT540 device is an octal inverting buffer that is ideal for
driving bus lines. The device features input and outputs on opposite
sides of the package to facilitate printed circuit board layout.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Yn
CL = 50pF; VCC = 5V
3.1
ns
CIN
Input capacitance
VI = 0V or VCC
3
pF
COUT
Output capacitance
Outputs disabled; VO = 0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
50
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic DIP
–40
°C to +85°C
74ABT540 N
74ABT540 N
SOT146-1
20-Pin plastic SO
–40
°C to +85°C
74ABT540 D
74ABT540 D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT540 DB
74ABT540 DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT540 PW
74ABT540PW DH
SOT360-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
OE0
A0
A1
A2
A3
A4
A5
A6
A7
GND
VCC
OE1
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
SA00197
LOGIC SYMBOL
A0
A1
A2
A3
A4
A5
A6
A7
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
1
19
OE0
OE1
SA00198


Similar Part No. - 74ABT540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT540 PHILIPS-74ABT540 Datasheet
100Kb / 10P
   Octal buffer, inverting 3-State
1998 Jan 16
74ABT540D PHILIPS-74ABT540D Datasheet
100Kb / 10P
   Octal buffer, inverting 3-State
1998 Jan 16
74ABT540DB PHILIPS-74ABT540DB Datasheet
100Kb / 10P
   Octal buffer, inverting 3-State
1998 Jan 16
74ABT540N PHILIPS-74ABT540N Datasheet
100Kb / 10P
   Octal buffer, inverting 3-State
1998 Jan 16
74ABT540PW PHILIPS-74ABT540PW Datasheet
100Kb / 10P
   Octal buffer, inverting 3-State
1998 Jan 16
More results

Similar Description - 74ABT540

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
   Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
MM74HC240 FAIRCHILD-MM74HC240_05 Datasheet
103Kb / 8P
   Inverting Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HC540 ONSEMI-MM74HC540 Datasheet
206Kb / 9P
   Inverting Octal 3-STATE Buffer
Revised May 2005
MM74HCT540 ONSEMI-MM74HCT540 Datasheet
286Kb / 13P
   Inverting Octal 3-STATE Buffer
June 2007 Rev. 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com