Electronic Components Datasheet Search |
|
FU-632SEA-X61MYYF Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor |
|
FU-632SEA-X61MYYF Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor |
2 / 6 page MAY06 (2/6) Mitsubishi Electric Corporation reserves the right to make changes to the products or information contained herein without notice. No liability is assumed as a result of their use or application. MITSUBISHI CONFIDENTIAL MITSUBISHI (OPTICAL DEVICES) FU-632SEA-x61MyyF 1.55 μm EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL ELECTRICAL/OPTICAL CHARACTERISTICS (Tld=Tset, Tc=-20~70 °C unless otherwise noted) Parameter Symbol Test Conditions Limits Unit (Note 2) Min. Typ. Max. Laser operating Temperature Tset CW, If=Iop 20 - 35 °C Threshold current Ith CW,Vm=0V 5 - 30 mA Operating current Iop CW,Vm=0V 40 60 70 mA Operating voltage Vop CW,Vm=0V,If=Iop - - 1.7 V Input impedance Zin If=Iop - 50 - Ω Optical output power from fiber end Pf_ave (Note3,4) -2 - +2.5 dBm Light emission central spectral wavelength λc (Note3,4) see Table 1. nm Center wavelength drift with case temperature Δλc/ΔTc CW,Vm=0V,APC, Tld=Tset ,Tc=- 20~70 °C -1 - 0 pm/ °C Side mode suppression ratio Sr (Note3,4) 35 40 - dB Δλcw CW,Vm=0V,If=Iop - 3 10 MHz Spectral width Δλmod (Note3,4) - 0.05 0.1 nm Relative intensity noise RIN CW,Vm=0V,If=Iop,2.5GHz - -155 -140 dB/Hz Power penalty Pp (Note3,4), 12800ps/nm - - 1.5 dB Extinction ratio Ex (Note3,4) 11 - - dB Rise/Fall time tr/tf (Note3,4),20-80% - - 100 ps Cutoff frequency fc If=Iop,Vm=-1V 3.5 - - GHz If=Iop,Vm=-1V,0~2GHz 10 - - dB RF return loss S11 If=Iop,Vm=-1V,2~3GHz 7 - - dB Tracking error Er Tc=-20~70 °C,APC, ATC (Note 5),Vm=0V - 0.3 0.5 dB Monitor current Imon (Note3,4) 0.1 - 1.5 mA Dark current(PD) Id Vrd=5V,Tld=25 °C - - 0.1 μA Capacitance(PD) Ct Vrd=5V,Tld=25 °C,f = 1MHz - 10 - pF Tc=25 °C 35 - - dB Optical isolation Iso Tc=-20~70 °C 23 - - dB Note2) Vm is EAM bias level at CW condition, Vpp and Voff are EAM amplitude and EAM high level offset voltage respectively at modulated condition. Note 3) 2.48832Gb/s,NRZ,PRBS2 23-1,If=Iop,Vpp=2.5V,Voff= -0.2V,Tld=Tset, Back to back. Note 4) Optical return loss of the connectors should be greater than 40dB in order to get specified performance. Note 5) Er=MAX|10 ×log(Pf(Tc)/Pf(25°C))| fig1. Definition of Electrical input Voff Vpp 0V time input voltage |
Similar Part No. - FU-632SEA-X61MYYF |
|
Similar Description - FU-632SEA-X61MYYF |