Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FU-48SDF-L30M54F Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # FU-48SDF-L30M54F
Description  1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-48SDF-L30M54F Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  FU-48SDF-L30M54F Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-48SDF-L30M54F Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-48SDF-L30M54F Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-48SDF-L30M54F Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-48SDF-L30M54F Datasheet HTML 5Page - Mitsubishi Electric Semiconductor FU-48SDF-L30M54F Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
JAN06 (4/6)
Mitsubishi Electric Corporation reserves the right to make changes to the products or information contained herein
without notice. No liability is assumed as a result of their use or application.
MITSUBISHI CONFIDENTIAL
MITSUBISHI (OPTICAL DEVICES)
FU-48SDF-x30M5yF
1.3
μm DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
DOCUMENTATION
Threshold current(Ith) at Tc=25°C
Operating current(Iop) at Tc=25°C
Optical output power form fiber end(Pf) at Tc=25°C
Central wavelength(
λc) at Tc=25°C
Monitor current(Imon) at Tc=25°C
Differential efficiency(
η) at Tc=25°C
Side mode suppression ratio(Sr) at Tc=25°C
Optical modulation(m) at Tc=25°C
RF input power(RFin) at Tc=25°C
Composite second order(CSOL2, CSOH41, CSOH78) at Tc=25°C
Composite triple order(CTB2, CTB41, CTB78) at Tc=25°C
Carrier to noise ratio(CNR2, CNR41, CNR78) at Tc=25°C
Relative intensity noise(Nr2, Nr78) at Tc=25°C
Pf - If graph at Tc=-20, 25, 65°C
If - Vf graph at Tc=25°C
dPf/dIf - If graph at Tc=25°C
If - Imon graph at Tc=25°C
ORDERING INFORMATION
Output Power Range
6
2~4mW
7
4~6mW
2
6~8mW
3
8~10mW
4
10~12mW
Connector
W
SC/PC
L
SC/APC
Y
FC/APC
FU - 48SDF – _ 30M5_ F


Similar Part No. - FU-48SDF-L30M54F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-48SDF-L31M40F MITSUBISHI-FU-48SDF-L31M40F Datasheet
173Kb / 6P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-48SDF-L31M41F MITSUBISHI-FU-48SDF-L31M41F Datasheet
173Kb / 6P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-48SDF-L31M42F MITSUBISHI-FU-48SDF-L31M42F Datasheet
173Kb / 6P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-48SDF-L31M43F MITSUBISHI-FU-48SDF-L31M43F Datasheet
173Kb / 6P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-48SDF-L31M44F MITSUBISHI-FU-48SDF-L31M44F Datasheet
173Kb / 6P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results

Similar Description - FU-48SDF-L30M54F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-436SDF-F1M1 MITSUBISHI-FU-436SDF-F1M1 Datasheet
50Kb / 3P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-48SDF-X37M9YF MITSUBISHI-FU-48SDF-X37M9YF Datasheet
159Kb / 5P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-48SDF-X31M4YF MITSUBISHI-FU-48SDF-X31M4YF Datasheet
173Kb / 6P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-427SDF MITSUBISHI-FU-427SDF Datasheet
44Kb / 3P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-427SHL-8M22 MITSUBISHI-FU-427SHL-8M22 Datasheet
37Kb / 3P
   1.3 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-423SLD-F3M31 MITSUBISHI-FU-423SLD-F3M31 Datasheet
41Kb / 3P
   1.3 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-427SLD-F1M54 MITSUBISHI-FU-427SLD-F1M54 Datasheet
47Kb / 3P
   1.3 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-427SLD-F1 MITSUBISHI-FU-427SLD-F1 Datasheet
45Kb / 3P
   1.3 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-X9YYMZZF MITSUBISHI-FU-68SDF-X9YYMZZF Datasheet
171Kb / 6P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-X3MYF MITSUBISHI-FU-68SDF-X3MYF Datasheet
156Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com