Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S07K95 Datasheet(PDF) 1 Page - EPCOS

Part # S07K95
Description  Leaded Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S07K95 Datasheet(HTML) 1 Page - EPCOS

  S07K95 Datasheet HTML 1Page - EPCOS S07K95 Datasheet HTML 2Page - EPCOS S07K95 Datasheet HTML 3Page - EPCOS S07K95 Datasheet HTML 4Page - EPCOS S07K95 Datasheet HTML 5Page - EPCOS S07K95 Datasheet HTML 6Page - EPCOS S07K95 Datasheet HTML 7Page - EPCOS S07K95 Datasheet HTML 8Page - EPCOS S07K95 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
159 04/02
Construction
I Round varistor element, leaded
I Coating: epoxy resin, flame-retardant to UL 94 V-0
I Terminals: tinned copper wire
Features
I Wide operating voltage range 11 … 1100 VRMS
I No derating up to 85
°C ambient temperature
I PSpice models
Approvals
I UL
I CSA (all types
³ K115)
I SEV
I VDE
I CECC
Taping
I For ordering information see page 206 ff, chapter “Leaded Varistors: Taping”
Type designation
Detailed description of coding system on page 39, chapter “General Technical Information”
General technical data
Climatic category
LCT
UCT
Damp heat, steady state
(93 % r.h., 40
°C)
40/85/56
– 40
°C
+ 85
°C
56 days
in accordance with IEC 60068-1
in accordance with IEC 60068-2-3
Operating temperature
– 40 … + 85
°C
in accordance with CECC 42 000
Storage temperature
– 40 … + 125
°C
Electric strength
³ 2,5 kV
RMS
in accordance with CECC 42 000
Insulation resistance
³ 10 MW
in accordance with CECC 42 000
Response time
< 25 ns
SIOV-S 14 K 130 G5 S5
Design
Rated diameter of varistor disk
Crimp style
Taping mode
Max. AC operating voltage
Tolerance of varistor voltage
EPCOS metal oxide varistor
Leaded Varistors
StandarD Series


Similar Part No. - S07K95

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S07K95 ETC1-S07K95 Datasheet
138Kb / 1P
   ELECTRICAL SPECIFICATIONS, CONT. DISC TYPES
More results

Similar Description - S07K95

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com