Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B41858 Datasheet(PDF) 10 Page - EPCOS

Part No. B41858
Description  Single-ended capacitors
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo 

B41858 Datasheet(HTML) 10 Page - EPCOS

Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
ESRmax
120 Hz
20
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
IAC,max
100 kHz
85
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for
∅ ≥ 10 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm)
003 = for crimped leads, blister (for
∅ ≥ 16 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 8 × 11.5 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 50 V DC
820
16
× 20
0.401 0.154
0.050
0.046
1820
2730
B41858D6827M***
1000
16
× 31.5
0.260 0.126
0.032
0.030
2653
3980
B41858C6108M***
1000
18
× 20
0.477 0.126
0.048
0.044
1997
2995
B41858D6108M***
1500
18
× 25
0.382 0.084
0.038
0.036
2417
3626
B41858C6158M***
1800
18
× 31.5
0.300 0.070
0.030
0.028
2989
4483
B41858C6188M***
2200
18
× 35
0.268 0.069
0.027
0.024
3320
4980
B41858C6228M***
2700
18
× 40
0.210 0.065
0.021
0.020
3871
5807
B41858C6278M***
VR = 63 V DC
56
8
× 11.5
5.413 2.256
0.541
0.488
310
464
B41858C8566M***
82
10
× 12.5
5.766 1.540
0.577
0.500
354
531
B41858C8826M***
120
10
× 16
3.075 1.053
0.308
0.279
519
779
B41858C8127M***
180
10
× 20
1.986 0.702
0.199
0.180
705
1058
B41858C8187M***
270
12.5
× 20
1.688 0.468
0.169
0.153
876
1315
B41858C8277M***
330
12.5
× 20
1.688 0.383
0.169
0.153
876
1315
B41858C8337M***
390
12.5
× 25
1.236 0.324
0.124
0.112
1118
1676
B41858C8397M***
470
16
× 20
1.037 0.269
0.104
0.094
1272
1907
B41858C8477M***
680
12.5
× 40
0.717 0.186
0.072
0.065
1785
2677
B41858C8687M***
680
16
× 25
0.772 0.186
0.077
0.070
1600
2400
B41858D8687M***
680
18
× 20
0.960 0.186
0.096
0.087
1427
2140
B41858E8687M***
820
16
× 31.5
0.541 0.154
0.054
0.049
2092
3138
B41858C8827M***
820
18
× 25
0.761 0.154
0.076
0.069
1735
2602
B41858D8827M***
1200
18
× 31.5
0.518 0.105
0.052
0.047
2294
3441
B41858C8128M***
1500
18
× 35
0.441 0.084
0.044
0.040
2592
3888
B41858C8158M***
1800
18
× 40
0.375 0.070
0.038
0.034
2967
4450
B41858C8188M***
B41858
Low impedance
105
°C
Page 10 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
B41853Single-ended capacitors 1 2 3 4 5 MoreEPCOS
B43888Single-ended capacitors 1 2 3 4 5 MoreEPCOS
B41821Single-ended capacitors 1 2 3 4 5 MoreEPCOS
MKTD06Film Capacitors 1 2 Sharma Electro Components,Inc
594DSolid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated Maximum CV Low ESR 1 2 3 4 5 MoreVishay Siliconix
B37872U5222S011Multilayer Ceramic Capacitors 1 2 3 4 5 MoreEPCOS
CX0805MRX7R8BB223SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS 1 2 3 4 5 MoreContinental Device India Limited
SAFTantalum Capacitors 1 2 Sharma Electro Components,Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn