Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41821 Datasheet(PDF) 15 Page - EPCOS

Part # B41821
Description  Single-ended capacitors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41821 Datasheet(HTML) 15 Page - EPCOS

Back Button B41821 Datasheet HTML 11Page - EPCOS B41821 Datasheet HTML 12Page - EPCOS B41821 Datasheet HTML 13Page - EPCOS B41821 Datasheet HTML 14Page - EPCOS B41821 Datasheet HTML 15Page - EPCOS B41821 Datasheet HTML 16Page - EPCOS B41821 Datasheet HTML 17Page - EPCOS B41821 Datasheet HTML 18Page - EPCOS B41821 Datasheet HTML 19Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Technical data and ordering codes
B43821
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
120 Hz
20
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
120 Hz
85
°C
mA
Ordering code
(composition see below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for
∅ ≥ 10 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm)
003 = for crimped leads, blister (for
∅ ≥ 16 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 6.3 × 11 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 200 V DC
0.47
6.3
× 11
395
296
158
15
B43821A2474M***
0.68
6.3
× 11
273
205
109
18
B43821A2684M***
1
6.3
× 11
186
139
74
22
B43821A2105M***
1.5
6.3
× 11
124
93
50
30
B43821A2155M***
2.2
6.3
× 11
85
63
34
33
B43821A2225M***
3.3
6.3
× 11
56
42
22
40
B43821A2335M***
4.7
8
× 11.5
40
30
16
55
B43821A2475M***
6.8
10
× 12.5
27
21
11
78
B43821A2685M***
10
10
× 12.5
18
14
7.4
95
B43821B2106M***
22
10
× 16
8.4
6.3
3.4
155
B43821B2226M***
22
10
× 20
8.4
6.3
3.4
170
B43821A2226M***
33
10
× 20
5.6
4.2
2.2
205
B43821B2336M***
47
12.5
× 20
4.5
3.4
1.8
270
B43821B2476M***
47
12.5
× 25
4.0
3.0
1.6
290
B43821A2476M***
68
12.5
× 25
3.3
2.5
1.3
350
B43821B2686M***
68
16
× 20
2.7
2.1
1.1
365
B43821A2686M***
100
16
× 25
1.8
1.4
0.74
475
B43821A2107M***
150
18
× 31.5
1.2
0.92
0.49
640
B43821A2157M***
220
18
× 35
0.84
0.63
0.34
770
B43821A2227M***
270
20
× 35
0.67
0.50
0.27
910
B43821A2277M***
330
22
× 35
0.56
0.42
0.22
1060
B43821A2337M***
B43821
Standard series
85
°C
Page 15 of 36
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B41821 ETC1-B41821 Datasheet
549Kb / 17P
   Single Ended GP - Capacitors
logo
EPCOS
B41821A2108M000 EPCOS-B41821A2108M000 Datasheet
683Kb / 41P
   Aluminum electrolytic capacitors
B41821A2108M001 EPCOS-B41821A2108M001 Datasheet
683Kb / 41P
   Aluminum electrolytic capacitors
B41821A2108M002 EPCOS-B41821A2108M002 Datasheet
683Kb / 41P
   Aluminum electrolytic capacitors
B41821A2108M003 EPCOS-B41821A2108M003 Datasheet
683Kb / 41P
   Aluminum electrolytic capacitors
More results

Similar Description - B41821

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
B41896 EPCOS-B41896_08 Datasheet
566Kb / 30P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com