Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B41605 Datasheet(PDF) 6 Page - EPCOS

Part No. B41605
Description  Large size Aluminum electrolytic capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41605 Datasheet(HTML) 6 Page - EPCOS

  B41605 Datasheet HTML 1Page - EPCOS B41605 Datasheet HTML 2Page - EPCOS B41605 Datasheet HTML 3Page - EPCOS B41605 Datasheet HTML 4Page - EPCOS B41605 Datasheet HTML 5Page - EPCOS B41605 Datasheet HTML 6Page - EPCOS B41605 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
EPCOS AG
Data sheet
B41605
Characteristics
10
f
KAL0961-L
0
B41605
2
510 3
Hz 10 4
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.2
Ι
Ι~
10 kHz
f
~
c
b
a
5
63 VDC
55 VDC
bc
b
b
bc
a
b
25 VDC
40 VDC a b
a
a
aa
a
a
ø [mm]
VR
30
22 25
35
10 1
f
KAL0831-T
0
0.5
1.0
1.5
2.0
2.5
3.5
510 2
510 3
10
Hz
4
85 ˚C
20 ˚C
40 ˚C
_
125 ˚C
ESR 10 kHz
ESR f
B41605
10 1
10 2
5
3
10
10 4
10 5
55
Hz
f
KAL0830-K
10 2
_
B41605
ESR
_55 ˚C
_40 ˚C
20 ˚C
_
> 60 ˚C
10
_1
10 1
10 2
5
3
10
10 4
10 5
55
Hz
f
KAL0829-H
10 1
_
Z
10 2
_
10 0
10 1
55 ˚C
_
20 ˚C
_
> 60 ˚C
5
5
40 ˚C
_
B41605
Equivalent series resistance ESR
versus frequency f at different temperatures
Typical behavior for 2700 µF/55 V
Impedance Z
versus frequency f at different temperatures
Typical behavior for 2700 µF/55 V
Frequency factor of permissible ripple current I~
versus frequency f
Frequency characteristics of ESR
versus frequency f at different temperatures T
Typical behavior


Similar Part No. - B41605

ManufacturerPart No.DatasheetDescription
EPCOS
EPCOS
B41605 EPCOS-B41605 Datasheet
1Mb / 17P
   Aluminum electrolytic capacitors
TDK Electronics
TDK Electronics
B41605 TDK-B41605 Datasheet
753Kb / 18P
   Aluminum electrolytic capacitors Large-size capacitors
EPCOS
EPCOS
B41605A0109M002 EPCOS-B41605A0109M002 Datasheet
1Mb / 17P
   Aluminum electrolytic capacitors
B41605A0109M008 EPCOS-B41605A0109M008 Datasheet
1Mb / 17P
   Aluminum electrolytic capacitors
B41605A0109M009 EPCOS-B41605A0109M009 Datasheet
1Mb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41605

ManufacturerPart No.DatasheetDescription
EPCOS
EPCOS
B41607 EPCOS-B41607 Datasheet
140Kb / 6P
   Large size Aluminum electrolytic capacitors
TDK Electronics
TDK Electronics
B41605 TDK-B41605 Datasheet
753Kb / 18P
   Aluminum electrolytic capacitors Large-size capacitors
B41607 TDK-B41607 Datasheet
714Kb / 17P
   Aluminum electrolytic capacitors Large-size capacitors
B43508 TDK-B43508 Datasheet
534Kb / 14P
   Aluminum electrolytic capacitors Large-size capacitors
B43504 TDK-B43504 Datasheet
550Kb / 14P
   Aluminum electrolytic capacitors Large-size capacitors
Panasonic Semiconductor
Panasonic Semiconductor
EEV-EB2G100SM PANASONIC-EEV-EB2G100SM Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2V470M PANASONIC-EEV-EB2V470M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2D101M PANASONIC-EEV-EB2D101M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
List of Unclassifed Manufacturers
List of Unclassifed Man...
SMQ ETC2-SMQ Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMH ETC2-SMH Datasheet
95Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz