Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3220-021 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HSDL-3220-021
Description  IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3220-021 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HSDL-3220-021 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-3220-021 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3220-021 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3220-021 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3220-021 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3220-021 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3220-021 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3220-021 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3220-021 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Electrical and Optical Specifications
Specifications (Min. and Max. values) hold over the recommended operating conditions unless otherwise noted.
Unspecified test conditions may be anywhere in their operating range. All typical values (Typ.) are at 25
°C, Vcc set to 3.0V
and IOVcc set to 1.8V unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Receiver
Viewing Angle
2
θ
30
°
Peak Sensitivity Wavelength
λp
880
nm
RXD Output Voltage
Logic High
VOH
IOVCC – 0.2
IOVCC
VIOH = -200 µA, EI ≤ 0.3 µW/cm
2
Logic Low
VOL
0
0.4
V
IOL = 200 µA, EI ≥ 8.1 µW/cm
2
RXD Pulse Width (SIR)[15]
tPW (SIR)
1
4.0
µs
θ ≤ 15°, C
L = 9 pF
RXD Pulse Width (MIR)[16]
tPW(MIR)
100
500
ns
θ ≤ 15°, C
L = 9 pF
RXD Pulse Width (FIR) [16]
tPW(FIR)
80
175
ns
θ ≤ 15°, C
L = 9 pF
RXD Rise and Fall Times
tr, tf
60
ns
CL = 9 pF
Receiver Latency Time[17]
tL
25
50
µs
Receiver Wake Up Time[18]
tW
50
100
µs
Transmitter
Radiant Intensity
IEH
10
45
mW/sr
ILEDA= 150 mA, θ ≤ 15°, VTXD ≥ VIH,
VSD ≤ VIL, Ta=25°C
Viewing Angle
2
θ
30
60
°
Peak Wavelength
λ
p
875
nm
Spectral Line Half Width
∆λ
35
nm
TXD Input Current
High
IH
10
µAV
TXD ≥ VIH
Low
IL
10
µA0 ≤ V
TXD ≤ VIL
LED ON Current
ILEDA
150
mA
VTXD ≥ VIH, R1=5.6ohm, Vled=3.0V
TXD Pulse Width (SIR)
tPW (SIR)
1.5
1.6
1.8
µst
PW (TXD) = 1.6 µs at 115.2 kbit/s
TXD Pulse Width (MIR)
tPW(MIR)
148
217
260
ns
tPW (TXD) = 217 ns at 1.152 Mbit/s
TXD Pulse Width (FIR)
tPW(FIR)
115
125
135
ns
tPW(TXD)=125 ns at 4.0 Mbit/s
Maximum Optical PW[19]
tPW(max.)
50
100
µs
TXD Rise and fall Time (Optical)
tr, tf
600
ns
tPW(TXD) = 1.4 µs at 115.2 kbit/s
40
ns
tPW (TXD) = 125 ns at 4.0 Mbit/s
LED Anode On-State Voltage
VON(LEDA)
1.6
2.1
V
ILEDA=150 mA, VTXD≥VIH
Transceiver
Supply Current
Shutdown
ICC1
0.1
1
µAV
SD ≥ VIH, Ta= 25°C
Idle
ICC2
1.8
3.0
mA
VSD ≤ VIL, VTXD ≤ VIL, EI=0
Notes:
15. For in-band signals from 9.6 kbit/s to 115.2 kbit/s, where 9
µW/cm2 ≤ EI ≤ 500 mW/cm2.
16. For in-band signals from 0.576 Mbit/s to 4.0 Mbit/s, where 22.5
µW/cm2≤ EI ≤ 500 mW/cm2.
17. Latency time is defined as the time from the last TxD light output pulse until the receiver has recovered full sensitivity.
18. Receiver wake up time is measured from Vcc power on or SD pin high to low transition to a valid RXD output.
19. The maximum optical PW is the maximum time the LED remains on when the TXD is constantly high. This is to prevent long turn on time of the LED
for eye safety protection.


Similar Part No. - HSDL-3220-021

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3220-021 AVAGO-HSDL-3220-021 Datasheet
176Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
More results

Similar Description - HSDL-3220-021

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3220 AVAGO-HSDL-3220 Datasheet
176Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
HSDL-3021 AVAGO-HSDL-3021 Datasheet
191Kb / 26P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
   IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3603 HP-HSDL-3603 Datasheet
342Kb / 24P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
   IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com