Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

10ETF06SPBF Datasheet(PDF) 5 Page - International Rectifier

Part No. 10ETF06SPBF
Description  FAST SOFT RECOVERY RECTIFIER DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

10ETF06SPBF Datasheet(HTML) 5 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
10ETF06SPbF QUIET
IR Series
Bulletin I2204 03/05
www.irf.com
Fig. 14 - Thermal Impedance ZthJC Characteristics
Fig. 12 - Recovery Current Characteristics, T
J = 25°C
Fig. 13 - Recovery Current Characteristics, T
J = 150°C
Fig. 10 - Recovery Charge Characteristics, T
J = 25°C
Fig. 11 - Recovery Charge Characteristics, T
J = 150°C
0
3
6
9
12
15
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
I
= 20 A
FM
2 A
10 A
5 A
1 A
10ETF..SSeries
T = 25 °C
J
0
4
8
12
16
20
0
40
80
120
160
200
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
I
= 20 A
FM
10 A
1 A
5 A
2 A
10ETF..SSeries
T = 150 °C
J
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
40
80
120
160
200
10 A
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
5 A
1 A
I
= 20 A
FM
2 A
10ETF..SSeries
T = 25 °C
J
0
0.5
1
1.5
2
2.5
0
40
80
120
160
200
10 A
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
5 A
1 A
I
= 20 A
FM
2 A
10ETF..SSeries
T = 150 °C
J
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Single Pulse
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
Steady State Value
(DC Operation)
10ETF..SSeries


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
10ETF06PBFFAST SOFT RECOVERY RECTIFIER DIODE Lead-Free 1 2 3 4 5 MoreInternational Rectifier
20ETF06SPBFSURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 5 MoreInternational Rectifier
10ETF10FPFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 5 MoreInternational Rectifier
10ETF12PBFFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 5 MoreInternational Rectifier
20ETF12SPBFFAST SOFT RECOVERY RECTIFIER DIODE Lead-Free PbF suffix 1 2 3 4 5 MoreInternational Rectifier
APT15D60B_05ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Advanced Power Technology
APT30D20BCT_05ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Advanced Power Technology
APT60D30B_05ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Advanced Power Technology
APT2X101DQ100JULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Microsemi Corporation
APT15D60K_05ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Advanced Power Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn